Electronic Components Datasheet Search
  English  ▼

X  

EM78P568 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
15
01/31/2004
V4.7
Sub-clock
32.768kHz
switch
0
1
System clock
PLL circuit
447.8293kHz ~17.9132MHz
ENPLL
CLK2 ~ CLK0
Fig.4 The relation between 32.768kHz and PLL
Bit 7(IDLE) : Sleep mode or IDLE mode control after using "SLEP" instruction.
0/1
SLEEP mode/IDLE mode.
This bit will decide SLEP instruction which mode to go.
The status after wake-up and the wake-up sources list as the table below.
Wakeup signal
SLEEP mode
IDLE mode
RA(7,6)=(0,0)
+ SLEP
RA(7,6)=(1,0)
+ SLEP
TCC time out
IOCF bit0=1
No function
(1) Wake-up
(2) Jump to SLEP next instruction
COUNTER1 time out
IOCF bit1=1
No function
(1) Wake-up
(2) Jump to SLEP next instruction
COUNTER2 time out
IOCF bit2=2
No function
(1) Wake-up
(2) Jump to SLEP next instruction
WDT time out
Reset and jump to
address 0
(1) Wake-up
(2) Next instruction
PORT8(0~3)
RE PAGE0 bit3 or
bit4 or bit5 or bit6 = 1
Reset and Jump to
address 0
(1) Wake-up
(2) Jump to SLEP next instruction
PORT7(0~3)
IOCF bit3 or bit4 or
bit5 or bit7=1
Reset and Jump to
address 0
(1) Wake-up
(2) Jump to SLEP next instruction
<Note> PORT70 's wakeup function is controlled by IOCF bit 3. It's falling edge or rising edge trigger
(controlled by CONT register bit7).
PORT7(1~3) 's wakeup functions are controlled by IOCF bit (4,5,7). They are falling edge trigger.
PORT80~PORT83’s wakeup function are controlled by RE PAGE0 bit 0 ~ bit 3. They are falling
edge trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com