Electronic Components Datasheet Search
  English  ▼

X  

EM78P568 Datasheet(PDF) 37 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
32
01/31/2004
V4.7
other is the group of column frequency (TONE2), each group has 4 kinds of frequency, user can get 16
kinds of DTMF frequency totally. Tone generator contains a row frequency sine wave generator for
generating the DTMF signal which selected by IOCD PAGE0, IOCE PAGE0 and a column frequency sine
wave generator for generating the DTMF signal which selected by IOCA PAGE0. This block can generate
single tone by filling one of these two register.
If all the values are low, the power of tone generators will turn off .
TONE2 (IOCA PAGE0)
High group freq.
1203.8 (0X5D)
1332.8(0X54)
1473.1(0X4C)
1646.4(0X44)
TONE1(IOCD, 699.7Hz(0x0A0)
1
2
3
A
IOCE PAGE0) 772.1Hz(0x091)
4
5
6
B
Low group freq. 854.6Hz(0x083)
7
8
9
C
940.8Hz(0x077)
*
0
#
D
PAGE1 (Control bits for DAC, DAC tone, Reference)
7
6
5
4
3
2
1
0
DAT/DAD
VREF
DATEN
VRSEL DAST/P67
-
-
-
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 2 : (undefined) not allowed to use
Bit 3(DAST/P67) : DAC enable control or P67 switch
0
switch DAO/P67 pin as normal I/O P67
1
enable DAC, enable DAC output buffer B1 and DAC output to DAO/P67 pin
When this bit is set by software, the DA converter will start converting and output to DAO/P67 pin. If user
clean this bit, DA converter will stop and DAO/P67 pin will be become normal I/O P67.
Also refer to bit 5(DATEN) for DAC power control.
Bit 4(VRSEL) : Reference voltage selection bit for Comparator circuit
0/1
VDD/2.5V from DAC
Also see Fig.16 in the next page.
Bit 5(DATEN) : DAC enable control
0/1
disable/enable DAC and its tone output buffer B2
When this bit is set by software, the DA converter will start converting and output to internal CTCSS
VTX3 end. If user clean this bit, DA converter will stop and DAO tone output buffer B2 is disabled.
Also refer to bit 3(DAST/P67) for DAC power control.
Bit 6(VREF) : Reference voltage selection bit for DA converter circuit
DAC reference setting is shown as following. Also see Fig.16 and Fig.17 in the next page.
ASW3 VREF DATEN DAST/P67 Function
1
x
1
x
select 2.5V ref, enable 2.5V ref, enable DAC,
0
1
1
x
enable buffer B2, buffer B2 output to CTCSS LPF
0
0
1
x
select VDD, disable 2.5V, enable DAC, enable buffer B2
x
1
0
1
select 2.5V ref, enable 2.5V ref, enable DAC, enable buffer B1,
buffer B1 output to DAO/P67 pin
x
0
0
1
select VDD, disable 2.5V, enable DAC, enable buffer B1, buffer B1
output to DAO/P67 pin
Ps. IOCE PAGE1 bit 2 (ASW3), IOCA PAGE1 bit 6 (VREF), IOCA PAGE1 bit 5 (DATEN),IOCA PAGE1
bit 3 (DAST/P67)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com