Electronic Components Datasheet Search
  English  ▼

X  

EM78P568 Datasheet(PDF) 50 Page - ELAN Microelectronics Corp

Part # EM78P568
Description  8-BIT OTP MICRO-CONTROLLER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P568 Datasheet(HTML) 50 Page - ELAN Microelectronics Corp

Back Button EM78P568 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P568 Datasheet HTML 54Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
EM78P568
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.
45
01/31/2004
V4.7
Description for register control bits
ASW1 ~ ASW4 for analog input/output signal path switching
RXPWR for power control of receiving RX AMP and ZC
TXPWR for power control of transmitting MIC AMP and Summing AMP
AMUTE for MIC AMP output signal muting
P65S for receiving audio output pin AURX or port P65 pin switching
P66S for transmitting output pin MTX or port P66 pin switching
The following is the above CTCSS block signal flow and it is easy to use these figures to explain how CTCSS
works. (‘blue’ highlight means signal flow and switch setting)
(1) RX : receiving CTCSS tone
Audio
BPF
VRF
VRF
Rx AMP
MIC AMP
Z C
AURX/P65
RXO
RXI
MICI
MICO
Summing
MTX/P66
VRF
-10dB
0dB
ASW1
ASW2
RXPWR = 1
LPFPWR = 1
BPFPWR
Sub-Audio
LPF
ASW4 = 0
MUX
PORT66
MTX
MUX
PORT65
AURX
P65S
P66S
AMP
MUX
ASW3 = 0
MUX
MUX
MUX
DETO
TXPWR
TXPWR
RXPWR =1
VRX1
VTX1
VRX2
VTX2
VRX3
VTX3
VRX4
VTX4
(from DAC output buffer B2)
CTCSS tone input
MUX
MICO
AMUTE
Fig.18
(2) RX : receiving audio
Audio
BPF
VRF
VRF
Rx AMP
MIC AMP
Z C
AURX/P65
RXO
RXI
MICI
MICO
Summing
MTX/P66
VRF
-10dB
0dB
ASW1 = 0
ASW2 = 0
RXPWR
LPFPWR
BPFPWR = 1
Sub-Audio
LPF
ASW4
MUX
PORT66
MTX
MUX
PORT65
AURX
P65S = 1
P66S
AMP
MUX
ASW3
MUX
MUX
MUX
DETO
TXPWR
TXPWR
VRX1
VTX1
VRX2
VTX2
VRX3
VTX3
VRX4
VTX4
(from DAC output buffer B2)
CTCSS tone input
MUX
MICO
AMUTE
RXPWR =1
Fig.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com