Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 35 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 35 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 31Page - Analog Devices SSM4567 Datasheet HTML 32Page - Analog Devices SSM4567 Datasheet HTML 33Page - Analog Devices SSM4567 Datasheet HTML 34Page - Analog Devices SSM4567 Datasheet HTML 35Page - Analog Devices SSM4567 Datasheet HTML 36Page - Analog Devices SSM4567 Datasheet HTML 37Page - Analog Devices SSM4567 Datasheet HTML 38Page - Analog Devices SSM4567 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 35 of 52
DAC CONTROL REGISTER
Address: 0x02, Reset: 0x32, Name: DAC_CTRL
Table 28. Bit Descriptions for DAC_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_HV
DAC Hard Volume
0x0
R/W
0
Soft Volume Ramping
1
Hard/Immediate Volume Change
6
DAC_MUTE
DAC Mute Control
0x0
R/W
0
DAC Unmuted
1
DAC Muted
5
DAC_HPF
DAC High-Pass Filter Enable
0x1
R/W
0
DAC High-Pass Filter Off
1
DAC High-Pass Filter On
4
DAC_LPM
DAC Low Power Mode Enable
0x1
R/W
0
DAC Low Power Mode Off (128 × fs in PDM Mode)
1
DAC Low Power Mode On (64 × fs in PDM Mode)
3
RESERVED
Reserved.
0x0
R/W
[2:0]
DAC_FS
DAC Sample Rate Selection
0x2
R/W
000
8 kHz to 12 kHz Sample Rate
001
16 kHz to 24 kHz Sample Rate
010
32 kHz to 48 kHz Sample Rate
011
64 kHz to 96 kHz Sample Rate
100
128 kHz to 192 kHz Sample Rate
101
Reserved
110
Reserved
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com