Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 17 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 17 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 13Page - Analog Devices SSM4567 Datasheet HTML 14Page - Analog Devices SSM4567 Datasheet HTML 15Page - Analog Devices SSM4567 Datasheet HTML 16Page - Analog Devices SSM4567 Datasheet HTML 17Page - Analog Devices SSM4567 Datasheet HTML 18Page - Analog Devices SSM4567 Datasheet HTML 19Page - Analog Devices SSM4567 Datasheet HTML 20Page - Analog Devices SSM4567 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 17 of 52
PDM CHANNEL SELECTION
The SSM4567 includes a left/right input select pin,
LR_SEL/ADDR (see Table 24) that determines which of the
time-multiplexed input streams is routed to the amplifier when
using PDM pattern control mode. To select the left input
channel, connect LR_SEL/ADDR pin to AGND. To select right
channel data, connect LR_SEL/ADDR pin to IOVDD. At any
point during amplifier operation, the logic level applied to
LR_SEL/ADDR pin can be changed and the output switches
between input streams without audible artifacts. Aside from
logic level selection from the user, no muting, watermarking
pattern, or synchronizing is necessary to achieve a click/pop
free LR_SEL/ADDR transition.
Table 8. LR_SEL/ADDR Function Descriptions
Device Setting
LR_SEL/ADDR Pin Configuration
Right Channel Select
IOVDD
Left Channel Select
GND
PCM MODE PIN SETUP AND CONTROL
When the SEL pin is tied to IOVDD, the SSM4567 is set for
PCM mode operation. In this mode, the SSM4567 supports
standalone operation, I2C control, or can be controlled using
commands sent over the input serial audio/TDM interface.
When the LR_SEL/ADDR pin is pulled up via a 47 kΩ resistor,
the IC operates in standalone mode with most registers set to
their default states.
The state of the several pins can change the functionality of
other pins. The LR_SEL/ADDR pin determines the I2C device
address. In standalone and TDM control modes, the SCL and SDA
pins are used to determine the TDM slot used. See Table 10 for
details.
PCM DIGITAL AUDIO SERIAL INTERFACE
The SSM4567 includes a standard serial audio interface that is
slave only. The interface is capable of receiving and transmitting
I2S, left justified, PCM, or TDM formatted data.
There is an input interface for sending audio to the amplifier
and an output interface for the sense data. These interfaces
share the same FSYNC and BCLK signals.
A BCLK signal must be provided to the SSM4567 for correct
operation. The BCLK signal must have a minimum frequency
of 2 MHz. The BCLK signal is used for internal clocking of the
device. The BCLK rate is automatically detected, but the
sampling frequency must be known to the device. The BCLK
rates at 32 kHz to 48 kHz that are supported are 50, 64, 100,
128, 192, 200, 256, 384, 400, and 512 times the sample rate.
The serial interfaces have three main operating modes. Stereo
mode, typically I2S or left justified, is used when there is a single
chip on the interface bus. TDM mode is more flexible and offers
the ability to have multiple chips on the bus. The third operating
mode is multichip I2S mode, which uses standard I2S formatting
but allows multiple chips to use the bus.
It is also possible to use the serial interfaces for bidirectional
control information. When this is done, the internal control reg-
isters are accessed via the serial audio interface and not from I2C.
These mode selections can be set via the I2C interface with the
SAI_MODE and MC_I2S bits. Alternatively, in standalone
mode or when AUTO_SAI is set to 1, the interface can auto-
configure based on how the signals are connected to the clock
pins and the FSYNC type (pulse or 50% duty cycle).
When in standalone or automatic configuration modes, an I2S
interface format can be selected by swapping the pin
connections for the BCLK and FSYNC signals (with the I2S
LRCLK signal connected to the DAC/PDM_CLK/BCLK pin
and BCLK signal connected to the SNS_PDM_CLK/FSYNC
pin). When the BCLK and FSYNC signals are connected to
their respective pins, and the FYSNC signal is a single BCLK
cycle pulse, TDM mode is selected. When the BCLK and FSYNC
signals are connected to their respective pins, and the FYSNC
signal is a 50% duty cycle signal, multichip I2S mode is selected.
On the SNS_PDM_DAT/SNS_SDATAO pin, unused cycles can
either be driven or set to high-Z. This is determined by the
SAI_DRV control bit. If multiple chips are used on the serial
interface bus, then SAI_DRV must be set to 0 so that unused
cycles are not driven.
SERIAL DATA PLACEMENT
The SSM4567 is flexible in where within a frame it places
output data and where it looks for input data. There are four
control bits for when input data is expected (Px_DAC) and and
six control bits for when output data is driven (Px_SNS).
A single data frame is broken up into individual fields, referred
to as placements. Each placement can be 8 bits, 16 bits, or 24 bits in
length. A single frame on the TDM or I2S data stream can
contain several data placements of varying length.
When the serial port is operating in TDM mode, placements
start directly after the FSYNC pulse. The first placement is
referred to as P1, the second placement is referred to as P2, and
so on, increasing sequentially. These placements appear in
sequential order on the serial data signal. Up to four placements
can be on the input stream and up to six placements can be on
the output stream. Figure 37 shows a basic timing diagram of
the placements in TDM mode.
When the serial port is operating in I2S mode, placements start
directly after the FSYNC falling clock edge, signalling the
beginning of a new frame. The first placement is referred to as
P1, the second placement is referred to as P2, and so on, increasing
sequentially. The odd-numbered placements (P1, P3, and P5)
appear sequentially in the left channel, when the FSYNC signal
is low (assuming FSYNC_MODE = 0), and the even-numbered
placements (P2, P4, and P6) appear sequentially in the right
channel, when the FSYNC signal is high (assuming that
FSYNC_MODE = 0. Up to four placements can be on the input
stream and up to six placements can be on the output stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com