Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 48 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 48 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 44Page - Analog Devices SSM4567 Datasheet HTML 45Page - Analog Devices SSM4567 Datasheet HTML 46Page - Analog Devices SSM4567 Datasheet HTML 47Page - Analog Devices SSM4567 Datasheet HTML 48Page - Analog Devices SSM4567 Datasheet HTML 49Page - Analog Devices SSM4567 Datasheet HTML 50Page - Analog Devices SSM4567 Datasheet HTML 51Page - Analog Devices SSM4567 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 48 of 52
FAULT CONTROL REGISTER
Address: 0x12, Reset: 0x30, Name: FAULT_CTRL
Table 44. Bit Descriptions for FAULT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
OTW_GAIN
Over Thermal Warning Gain Reduction
0x0
R/W
00
No gain reduction in thermal warning
01
1.5 dB gain reduction in thermal warning
10
3 dB gain reduction in thermal warning
11
5.625 dB gain reduction in thermal warning
[5:4]
MAX_AR
Maximum Fault recovery Attempts. The Maximum autorecovery register determines
how many attempts at auto recovery are performed.
0x3
R/W
00
1 Autorecovery Attempt
01
3 Autorecovery Attempts
10
7 Autorecovery Attempts
11
Unlimited Autorecovery Attempts
3
MRCV
Manual Fault Recovery
0x0
W
0
Normal Operation
1
Writing of 1 causes a manual fault recovery attempt when
ARCV_OC/ARCV_OT/ARCV_UV/ARCV_BST = 1
2
ARCV_UV
Undervoltage Autofault Recovery Control
0x0
R/W
0
Auto Fault Recovery for Undervoltage Fault
1
Manual Fault Recovery for Undervoltage Fault
1
ARCV_OT
Overtemperature Auto Fault Recovery Control
0x0
R/W
0
Auto Fault Recovery for Overtemperature Fault
1
Manual Fault Recovery for Overtemperature Fault
0
ARCV_OC
Overcurrent Auto Fault Recovery Control
0x0
R/W
0
Auto Fault Recovery for Overcurrent Fault
1
Manual Fault Recovery for Overcurrent Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com