Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 15 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 11Page - Analog Devices SSM4567 Datasheet HTML 12Page - Analog Devices SSM4567 Datasheet HTML 13Page - Analog Devices SSM4567 Datasheet HTML 14Page - Analog Devices SSM4567 Datasheet HTML 15Page - Analog Devices SSM4567 Datasheet HTML 16Page - Analog Devices SSM4567 Datasheet HTML 17Page - Analog Devices SSM4567 Datasheet HTML 18Page - Analog Devices SSM4567 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 15 of 52
THEORY OF OPERATION
MODES OF OPERATION
The SSM4567 has several modes of control and audio I/O
operation. Audio and sense data can be sent to and from the
SSM4567 in 1-bit PDM format by tying the SEL pin to AGND
or multibit PCM format by tying the SEL pin to IOVDD. With
PCM data, the serial audio interface can be configured for I2S,
left justified, or TDM formatting. The SSM4567 can be
controlled using I2C, PDM pattern control, TDM control, or
standalone operation. See Table 10 for more details.
CLOCKING
The SSM4567 requires a clock present at the DAC_PDM_CLK/
BCLK input pin to operate. This clock must be fully synchronous
with the incoming digital data. The clock frequencies must fall
in the range of 2.048 MHz to 24.576 MHz for PCM mode, or
2.048 MHz to 6.144 MHz for PDM mode.
In standalone I2S mode, the required clock must be present on
the SNS_PDM_CLK/FSYNC pin.
POWER SUPPLIES
The SSM4567 requires two power supplies: VBAT and IOVDD.
VBAT
VBAT supplies power to the boost converter and its associated
drive, control, and protection circuitry. VBAT can operate from
2.5 V to 5.2 V and must be present to obtain audio output.
IOVDD
IOVDD provides power to the digital logic circuitry and the I/O
drive circuitry. IOVDD can operate from 1.62 V to 1.98 V and
must be present to obtain audio output.
Power Sequencing
On device power-up, VBAT must be applied to the device first.
The timing of the IOVDD following VBAT is not important. See
the Power-On Reset/Voltage Supervisor section for more details.
POWER CONTROL
The SSM4567 can be powered down by several methods. If
using I2C or TDM control, a software power-down control
SPWDN fully powers down the device. PDM pattern control
has a standby pattern that powers down all blocks except the
PDM interface.
For lowest power shutdown, the SSM4567 also contains a clock
loss detection circuit that looks at the DAC_PDM_CLK/BCLK
input clock. When DAC_PDM_CLK/BCLK is absent, the device
automatically powers down all internal circuitry to its lowest
power state. When DAC_PDM_CLK/BCLK returns, the device
automatically powers up following its usual power sequence.
There is an optional automatic power-down feature in which
the device enters a lower power state after 2048 consecutive
zero input samples have been received when in PCM operation.
Only the I2C and digital audio input blocks remain active.
The output current, output voltage, and VBAT sensing can be
turned off independently via the ISNS_PWDN, VSNS_PWDN,
and BSNS_PWDN control bits. This can save power if the
amplifier operation is needed but not the output sensing.
The amplifier and boost converter can be powered down
independently via the AMP_PWDN and BOOST_PWDN
control bits. When the boost is powered down and the amplifier
is still active, the amplifier runs directly from the VBAT supply.
This same VBAT only operation can be entered with the boost
still active with the VBAT_ONLY bit. The amplifier can be
powered down with the boost still enabled so the boost output
can be used for other functions.
POWER-ON RESET/VOLTAGE SUPERVISOR
The SSM4567 includes an internal power-on reset and voltage
supervisor circuit. This circuit provides an internal reset to all
circuitry whenever VBAT or IOVDD is substantially below the
nominal operating threshold. This simplifies supply sequencing
during initial power-on.
The circuit also monitors the power supplies to the IC. If the
supply voltages fall below the nominal operating threshold, this
circuit stops the output and issues a reset. This ensures that no
damage occurs due to low voltage operation and that no pops
can occur under nearly any power removal condition.
PDM MODE SETUP AND CONTROL
The SSM4567 can operate using 1-bit PDM data for both its
input and for the sense outputs. In PDM mode, control can be
done either by PDM control patterns or with I2C. If the SEL pin
is tied to AGND, the SSM4567 starts up and operate in PDM
pattern control mode.
The SSM4567 can also operate in PDM via I2C control mode. A
regular I2C operating address can be set on the LR_SEL/ADDR pin.
Then, using I2C, the device can be set into PDM mode by
writing a 1 to the PDM_MODE control bit. The PDM_LR_SEL
bit selects which input channel is used.
In PDM operating mode mode, the 1-bit PDM input to the
DAC is received on the DAC_PDM_DAT/DAC_SDATAI pin.
The DAC_PDM_CLK/BCLK pin provides the system clock and
is used for clocking in the input data. Output voltage and current
sense are output on the SNS_PDM_DAT/SNS_SDATAO pin. The
output can be sent at a different rate from the input, and the
SNS_PDM_CLK/FSYNC pin determines the sense output rate.
Alternatively, the output rate can be sent at the same rate as the
input and only one clock pin, DAC_PDM_CLK/BCLK, is
needed to operate the device. To use only one clock, set the
SHARED_CLOCK register to 1.
Full-scale voltage for both the input and output is mapped to
−6 dBFS on the PDM stream.
The PDM data input is registered directly on each clock edge.
The data transition on the PDM data output is delayed relative
to the clock edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com