Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 12Page - Analog Devices SSM4567 Datasheet HTML 13Page - Analog Devices SSM4567 Datasheet HTML 14Page - Analog Devices SSM4567 Datasheet HTML 15Page - Analog Devices SSM4567 Datasheet HTML 16Page - Analog Devices SSM4567 Datasheet HTML 17Page - Analog Devices SSM4567 Datasheet HTML 18Page - Analog Devices SSM4567 Datasheet HTML 19Page - Analog Devices SSM4567 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 16 of 52
Table 6. PDM Timing Parameters
Parameter
Limit
Unit
Description
tMIN
tMAX
tFALL
10
ns
Clock fall time
tRISE
10
ns
Clock rise time
tSETUP
10
ns
Data setup time
tHOLD
7
ns
Data hold time
Figure 35. PDM Input Data Format
The PDM data is output on both edges of the clock. The current
sense ADC data is output when SNS_PDM_CLK/FSYNC is
high and should be read on the falling edge. The voltage sense
ADC data is output when SNS_PDM_CLK/FSYNC is low and
should be read on the rising edge.
Figure 36. SDATA (DAC_SDATAI/SNS_SDATAO) Output in PDM Mode
By default in PDM mode, PDM pattern control is used for
control information. I2C control can be used instead, but do not
use both at the same time. If PDM pattern control is engaged,
then registers associated with the PDM pattern control do not
function using I2C. Writes to those registers are ignored and
reads do not reflect the current state of the device. For I2C
control, it is best to tie the SEL pin to IOVDD and then set the
PAT_CTRL_EN bit to 0 to disable PDM pattern control before
any other I2C writes or reads are performed. By default, the I2C
device address in PDM mode is 0x34. By setting the
I2C_ADDR_SET bit, the device address can be either 0x34 or
0x35, depending on the state of the LR_SEL/ADDR pin.
PDM PATTERN CONTROL
PDM mode operation has a simple control mechanism that can
set the device for low power states and control functionality.
This is accomplished by sending a repeating 8-bit pattern to the
device. Different patterns set different functionalities.
Any pattern must be repeated a minimum of 128 times. The
device is automatically muted when a pattern is detected so that
a pattern can be set while the device is operational without a
pop/click due to pattern transition. After this minimum
repetition is complete, the pattern can be removed at any time
and the device resumes normal operation.
All patterns except mute and power-down are sticky, in that
after the pattern is sent the functionality of the pattern remains
after the pattern is removed. Mute and power-down are active only
when their respective patterns are being continuously written.
All functionality set via patterns return to its default values after a
clock loss power-down or after the device reset pattern is sent.
Table 7. PDM Watermarking Pattern Control Descriptions
Pattern
Control Description
Register Setting
0xD2
Limiter: enable.
LIM_EN = 01
0xD4
Lower gain mode (3.6 V) with
−6 dBFS).
ANA_GAIN = 0
0xD8
Shared clock operation. Only
DAC_PDM_CLK is needed.
SHARED_CLOCK = 1
0xE1
Ultralow EMI mode.
Edges = 1
0xE2
Low latency mode with
pattern delay (~15 µs latency).
LOW_LATENCY = 01
0xE4
Set DAC to low power mode =
off. PDM_CLK = 128 × fS mode.
DAC_LPM = 0
0xAA
Device reset: place the device
into default configuration
0x66
Mute.
DAC_MUTE = 1
0xAC
Power-down: all blocks off
except for PDM interface.
Normal start-up time.
SPWDN = 1
0xF1
Limiter: 3.7 V battery inflection
point.
VBAT_INF = 010
0xF2
Limiter: 3.3 V battery inflection
point.
VBAT_INF = 110
0xF4
Limiter: 2 V/V VBAT vs. the
limiter slope.
Slope = 01
0xC1
Sense power-up/power-down
toggle.
Toggle value of
BSNS_PWDN,
ISNS_PWDN, and
VSNS_PTWN
0xC2
Limiter: threshold value set to
5.4 V peak.
LIM_THRES = 0110
tHOLD
L
DATA
DAC_SDATAI
BCLK
L
DATA
R
DATA
R
DATA
tSETUP
BCLK
FSYNC
SDATA
I
V
I
V
I
V
I
V
I
V
I
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com