Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 12 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 8Page - Analog Devices SSM4567 Datasheet HTML 9Page - Analog Devices SSM4567 Datasheet HTML 10Page - Analog Devices SSM4567 Datasheet HTML 11Page - Analog Devices SSM4567 Datasheet HTML 12Page - Analog Devices SSM4567 Datasheet HTML 13Page - Analog Devices SSM4567 Datasheet HTML 14Page - Analog Devices SSM4567 Datasheet HTML 15Page - Analog Devices SSM4567 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 12 of 52
Figure 21. Power Supply Rejection Ratio (PSRR) vs. Frequency, RL = 8 Ω
Figure 22. Output Spectrum vs. Frequency (FFT), Output Power = 100 mW,
RL = 8 Ω, 1 kHz input
Figure 23. Linearity of the Voltage Sense vs. Input Level, RL = 8 Ω and 33 µH
Figure 24. Linearity of the Current Sense vs. Input Level, RL = 8 Ω and 33 µH
Figure 25. VBAT ADC Sense Level Output vs. VBAT Supply Voltage, RL= 8 Ω
Figure 26. Current Sense THD + N vs. Output Power, RL = 8 Ω and 33 µH
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
2.5V
3.0V
3.6V
4.2V
5.0V
FREQUENCY (Hz)
–140
–120
–100
–80
–60
–40
–20
0
20
200
2000
20000
2.5V
3.6V
5.0V
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
–60
–50
–40
–30
–20
–10
0
INPUT (dBFS )
VBAT = 2.5V
VBAT = 3.0V
VBAT = 3.6V
VBAT = 4.2V
VBAT = 5.0V
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
–60
–50
–40
–30
–20
–10
0
INPUT (dBFS)
VBAT = 2.5V
VBAT = 3.0V
VBAT = 3.6V
VBAT = 4.2V
VBAT = 5.0V
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
VBAT (V)
0.01
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
VBAT = 2.5V
VBAT = 3.0V
VBAT = 3.6V
VBAT = 4.2V
VBAT = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com