Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 2Page - Analog Devices SSM4567 Datasheet HTML 3Page - Analog Devices SSM4567 Datasheet HTML 4Page - Analog Devices SSM4567 Datasheet HTML 5Page - Analog Devices SSM4567 Datasheet HTML 6Page - Analog Devices SSM4567 Datasheet HTML 7Page - Analog Devices SSM4567 Datasheet HTML 8Page - Analog Devices SSM4567 Datasheet HTML 9Page - Analog Devices SSM4567 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 6 of 52
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Current Sense Absolute
Accuracy
1.5
%
Current Sense Gain Drift
TA = 10°C to 60°C
1.5
%
VBAT Sense Full-Scale Range
2
6
V
VBAT Sense Absolute
Accuracy
3
%
Current and Voltage Sense
Linearity
From −80 dBr to 0 dBr
1
dB
BOOST CONVERTER
Output Voltage
VOUT
5.1
V
Input Current Limit
IMAX
2.2
A
Soft Start Current Limit
0.25
A
Line Regulation
0.20
%/V
Load Regulation
0.15
%/A
Inductor
1
2.2
µH
Input Capacitor
10
µF
Output Capacitor
10
22
µF
PMOS Switch Resistance
RONP
VBAT = 3.6 V, VBST = 5.1 V
80
mΩ
NMOS Switch Resistance
RONN
VBAT = 3.6 V, VBST = 5.1 V
55
mΩ
Switching Frequency
fBOOSTSW
1.536
MHz
Efficiency
ηBOOST
200 mA output
91
%
AUTOMATIC GAIN CONTROL
AGC Gain Attack Time
20
120
µs/dB
AGC Gain Release Time
0.8
1.6
3.2
sec/dB
Battery Inflection Point
VBAT supply when threshold reduction starts
3.2
3.5
3.9
V
VBAT vs. Limiter Slope
1
3
4
V/V
AGC Gain Step Size
0.1875
dB
DIGITAL INPUT/OUTPUT
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
INPUT VOLTAGE
High
VIH
0.7 × IOVDD
3.6
V
Low
VIL
−0.3
+0.3 × IOVDD
V
ADDR
−0.3
IOVDD + 0.3
V
INPUT LEAKAGE
High
IIH
1
µA
Low
IIL
1
µA
INPUT CAPACITANCE
5
pF
OUTPUT DRIVE STRENGTH
4.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com