Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 10 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 6Page - Analog Devices SSM4567 Datasheet HTML 7Page - Analog Devices SSM4567 Datasheet HTML 8Page - Analog Devices SSM4567 Datasheet HTML 9Page - Analog Devices SSM4567 Datasheet HTML 10Page - Analog Devices SSM4567 Datasheet HTML 11Page - Analog Devices SSM4567 Datasheet HTML 12Page - Analog Devices SSM4567 Datasheet HTML 13Page - Analog Devices SSM4567 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
SSM4567
Data Sheet
Rev. 0| Page 10 of 52
Figure 9. THD + N vs. Frequency at VBAT = 5 V, RL = 4 Ω and 15 µH
Figure 10. THD + N vs. Frequency at VBAT = 4.2 V, RL = 4 Ω and 15 µH
Figure 11. THD + N vs. Frequency at VBAT = 3.6 V, RL = 4 Ω and 15 µH
Figure 12. THD + N vs. Frequency at VBAT = 2.5 V, RL = 4 Ω and 15 µH
Figure 13. Quiescent Current vs. VBAT Supply Voltage
Figure 14. Output Power vs. Frequency at RL = 8 Ω, THD + N = 1%
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
POUT = 250mW
POUT = 500mW
POUT = 1W
POUT = 1.4W
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
POUT = 250mW
POUT = 500mW
POUT = 1W
POUT = 1.4W
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
POUT = 250mW
POUT = 500mW
POUT = 1W
POUT = 1.4W
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
POUT = 250mW
POUT = 500mW
POUT = 1W
POUT = 1.4W
0
1
2
3
4
5
6
7
8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VBAT (V)
8Ω + 33mH
NO LOAD
0
0.5
1.0
1.5
2.0
2.5
200
2000
20000
FREQUENCY (Hz)
2.5V
3.0V
3.6V
4.2V
5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com