Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 5 Page - Analog Devices

  SSM4567 Datasheet HTML 1Page - Analog Devices SSM4567 Datasheet HTML 2Page - Analog Devices SSM4567 Datasheet HTML 3Page - Analog Devices SSM4567 Datasheet HTML 4Page - Analog Devices SSM4567 Datasheet HTML 5Page - Analog Devices SSM4567 Datasheet HTML 6Page - Analog Devices SSM4567 Datasheet HTML 7Page - Analog Devices SSM4567 Datasheet HTML 8Page - Analog Devices SSM4567 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
SSM4567
Data Sheet
Rev. 0 | Page 5 of 52
SPECIFICATIONS
VBAT = 3.6 V, IOVDD = 1.8 V, TA = 25°C, RL = 8 Ω + 33 µH, VBST = 5.1 V, 20 Hz to 20 kHz bandwidth (BW), unless otherwise noted. In
PDM operation, PDM clock = 3.072 MHz; for PCM operation, fS = 48 kHz.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
AMPLIFIER CHARACTERISTICS
Output Power/Channel
POUT
RL = 8 Ω, THD = 1%, f = 1 kHz,
1.43
W
RL = 8 Ω, THD = 10%, f = 1 kHz
1.81
W
RL = 4 Ω, THD = 1%, f = 1 kHz
2.49
W
RL = 4 Ω, THD = 10%, f = 1 kHz
3.17
W
System Efficiency
η
PO = 1 W, VBAT = 3.6 V, RL = 8 Ω
89.7
%
Total Harmonic Distortion +
Noise
THD + N
f = 1 kHz, PO = 1 W, RL = 8 Ω
0.031
%
f = 1 kHz, PO = 0.5 W, RL = 8 Ω
0.025
%
Output Voltage Noise
en
VBST = 5.1 V, 20 kHz BW, dither input, A-weighted
21.7
µV rms
Signal-to-Noise Ratio
SNR
A-weighted, referred to output at 1% THD
104
dB
Average Switching Frequency
fSW
300
kHz
Full-Scale Output Voltage
0 dBFS PCM or −6 dBFS PDM input
5.17
V peak
Differential Output Offset
Voltage
VOOS
1.1
mV
POWER SUPPLIES
Supply Voltage Range
VBAT
2.5
3.6
5.2
V
IOVDD
1.62
1.8
1.98
V
Power Supply Rejection Ratio
DC PSRR
Dither input
70
dB
PSRRGSM
Dither input, VRIPPLE = 100 mV on VBAT at 217 Hz
90
dB
Quiescent Supply Current
VBAT
IVBAT
VBAT = 3.6 V
4.86
mA
IOVDD
IVDD
IOVDD = 1.8 V, PDM clock = 3.072 MHz
1.28
mA
Shutdown Current
VBAT
IVBAT
VBAT = 3.6 V, no input clocks
0.2
1
µA
IOVDD
IVDD
IOVDD = 1.8 V, no input clocks
2.8
µA
SHUTDOWN CONTROL
Turn-On Time
tWU
3
ms
Turn-Off Time
tSD
10
µs
Output Impedance
ZOUT
86
kΩ
CLOCKING AND SAMPLE RATES
Input and Output Sampling
Rate, PCM
fS
LRCLK rate
8
192
kHz
BCLK Frequency, PCM
fBCLK
2.048
24.576
MHz
Input Sampling Rate, PDM
fDAC_PDM_CLK
2.048
6.144
MHz
Output Sampling Rate, PDM
fSNS_PDM_CLK
1.024
6.144
MHz
OUTPUT SENSING
Voltage Sense Signal-to-
Noise Ratio
SNRV
A-weighted
77
dB
Voltage Sense Full Scale
VFS
Output voltage at 0 dBFS PCM/−6 dBFS PDM
output from ADC
6
V peak
Voltage Sense Absolute
Accuracy
1.5
%
Voltage Sense Gain Drift
Temperature, TA = 10°C to 60°C
1
%
Current Sense Signal-to-Noise
Ratio
SNRI
A-weighted
72
dB
Current Sense Input Full-Scale
Voltage
IFS
Voltage across sense resistor with 0 dBFS PCM/
−6 dBFS PDM output from ADC
1.78
A peak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com