Electronic Components Datasheet Search
  English  ▼

X  

SSM4567 Datasheet(PDF) 41 Page - Analog Devices

Part # SSM4567
Description  Digital 2.5 W, 5.1 V, Boost Class-D Audio Amplifier with Output Sensing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM4567 Datasheet(HTML) 41 Page - Analog Devices

Back Button SSM4567 Datasheet HTML 37Page - Analog Devices SSM4567 Datasheet HTML 38Page - Analog Devices SSM4567 Datasheet HTML 39Page - Analog Devices SSM4567 Datasheet HTML 40Page - Analog Devices SSM4567 Datasheet HTML 41Page - Analog Devices SSM4567 Datasheet HTML 42Page - Analog Devices SSM4567 Datasheet HTML 43Page - Analog Devices SSM4567 Datasheet HTML 44Page - Analog Devices SSM4567 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Data Sheet
SSM4567
Rev. 0| Page 41 of 52
SERIAL AUDIO INTERFACE PLACEMENT 3 CONTROL REGISTER
Address: 0x08, Reset: 0x32, Name: SAI_PLACEMENT_3
Table 34. Bit Descriptions for SAI_PLACEMENT_3
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:4]
P3_DAC
Placement 3 or L2 (Left 2) Control for DAC Input. Selects the size of the data to be read.
24 bits or 16 bits. This slot can also be set to read in eight bits, throw them away, and
move on to placement P4 to read the audio data.
0x3
R/W
00
24-Bit DAC Input
01
16-Bit DAC Input
10
Read and Ignore 8 bits
11
Read and Ignore 8 bits
3
RESERVED
Reserved.
0x0
R/W
[2:0]
P3_SNS
Placement 3 or L2 (Left 2) Control for Sense Output.
0x2
R/W
000
16-Bit Voltage Output
001
16-Bit Current Output
010
8-Bit Battery Voltage Output Unsigned
011
8-Bit Control Data Output
100
Alternating 16-Bit Voltage and Current
101
8-Bit Status Output
110
8-Bit V/I Marker and Slot ID
111
Blank 8 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com