Electronic Components Datasheet Search
  English  ▼

X  

TPS61372 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 14Page - Texas Instruments TPS61372 Datasheet HTML 15Page - Texas Instruments TPS61372 Datasheet HTML 16Page - Texas Instruments TPS61372 Datasheet HTML 17Page - Texas Instruments TPS61372 Datasheet HTML 18Page - Texas Instruments TPS61372 Datasheet HTML 19Page - Texas Instruments TPS61372 Datasheet HTML 20Page - Texas Instruments TPS61372 Datasheet HTML 21Page - Texas Instruments TPS61372 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
IN
L
SW
V
D
I
L
f
´
D
=
´
UP
OUT
FB
DOWN
R
V
V
(1
)
R
=
´
+
18
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use as the design parameters.
Table 2. Design Parameters
PARAMETER
VALUE
Input voltage range
3 V to 5 V
Output voltage
12 V
Output ripple voltage
± 3%
Output current
0.4 A
Operating frequency
1.5 MHz
9.2.2 Detailed Design Procedure
9.2.3 Setting the Output Voltage
The output voltage of the TPS61372 is externally adjustable using a resistor divider network. The relationship
between the output voltage and the resistor divider is given by Equation 16.
where
•
VOUT is the output voltage
•
RUP the top divider resistor
•
RDOWN is the bottom divider resistor
(16)
Choose RDOWN to be approximately 60.4 kΩ. Slightly increasing or decreasing RDOWN can result in closer output
voltage matching when using standard value resistors. In this design, RDOWN = 100 kΩ and RUP = 1.909 MΩ (1
MΩ + 909 kΩ) , resulting in an output voltage of 12 V.
For the best accuracy, RDOWN is recommended around 100 kΩ to ensure that the current following through
RDOWN is at least 100 times larger than FB pin leakage current. Changing RDOWN towards the lower value
increases the robustness against noise injection. Changing the RDOWN towards the higher values reduces the
quiescent current for achieving higher efficiency at the light load currents.
9.2.3.1 Selecting the Inductor
A boost converter normally requires two main passive components for storing the energy during the power
conversion: an inductor and an output capacitor. The inductor affects the steady state efficiency ( including the
ripple and efficiency ) as well as the transient behavior and loop stability, which makes the inductor to be the
most critical component in application.
When selecting the inductor, as well as the inductance, the other parameters of importance are:
•
The maximum current rating (RMS and peak current should be considered),
•
The series resistance,
•
Operating temperature
Choosing the inductor ripple current with the low ripple percentage of the average inductor current results in a
larger inductance value, maximizes the converter’s potential output current and minimizes EMI. The larger ripple
results in a smaller inductance value, and a physically smaller inductor, improves transient response but results
in potentially higher EMI.
The rule of thumb to choose the inductor is that to make the inductor ripple current (ΔIL) is a certain percentage
(Ripple % = 20 – 30 %) of the average current. The inductance can be calculated by Equation 17, Equation 18,
and Equation 19:
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com