Electronic Components Datasheet Search
  English  ▼

X  

TPS61372 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 4Page - Texas Instruments TPS61372 Datasheet HTML 5Page - Texas Instruments TPS61372 Datasheet HTML 6Page - Texas Instruments TPS61372 Datasheet HTML 7Page - Texas Instruments TPS61372 Datasheet HTML 8Page - Texas Instruments TPS61372 Datasheet HTML 9Page - Texas Instruments TPS61372 Datasheet HTML 10Page - Texas Instruments TPS61372 Datasheet HTML 11Page - Texas Instruments TPS61372 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
VIN (V)
2.5
3
3.5
4
4.5
5
50
55
60
65
70
75
80
85
90
95
100
D005
TJ = -40qC
TJ = 25qC
TJ = 125qC
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
20
25
30
35
40
45
50
55
60
D006
Load (A)
0.0001
0.001
0.01 0.02
0.05 0.1 0.2
0.5
11.5
11.6
11.7
11.8
11.9
12
12.1
12.2
12.3
12.4
12.5
D003
VIN = 3 V
VIN = 4 V
VIN = 5 V
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
0.59
0.592
0.594
0.596
0.598
0.6
0.602
0.604
0.606
0.608
0.61
D004
Load (A)
0.0001
0.001
0.01
0.1
0.5
0
10
20
30
40
50
60
70
80
90
100
D001
VIN = 3 V
VIN = 4 V
VIN = 5 V
Load (A)
0.0001
0.001
0.01
0.1
0.5
0
20
40
60
80
100
D002
VIN = 3 V
VIN = 4 V
VIN = 5 V
8
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.7 Typical Characteristics
VOUT = 12 V
L = 2.2 µH
Auto PFM
Figure 1. Efficiency vs. Load
VOUT = 12 V
L = 2.2 µH
Forced PWM
Figure 2. Efficiency vs. Load
VOUT = 12 V
L = 2.2 µH
Auto PFM
Figure 3. Load Regulation
VIN = 4 V
Figure 4. Reference Voltage vs. Temperature
VIN = 2.5 V to 5.5 V
VOUT = 12 V
No Switching
Figure 5. Iq vs. VIN
VIN = 4 V
VOUT = 12 V
Figure 6. Low-side RDSON vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com