Electronic Components Datasheet Search
  English  ▼

X  

TPS61372 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 20Page - Texas Instruments TPS61372 Datasheet HTML 21Page - Texas Instruments TPS61372 Datasheet HTML 22Page - Texas Instruments TPS61372 Datasheet HTML 23Page - Texas Instruments TPS61372 Datasheet HTML 24Page - Texas Instruments TPS61372 Datasheet HTML 25Page - Texas Instruments TPS61372 Datasheet HTML 26Page - Texas Instruments TPS61372 Datasheet HTML 27Page - Texas Instruments TPS61372 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
CH2: EN
2.0 V / div
CH1: VOUT
5.0 V / div
CH4: Load
1.0 A / div
CH2: EN
2 V / div
CH1: VOUT
5 V / div
CH4: Load
1 A / div
CH1: VOUT_AC
20 mV / div
CH3: SW
5.0 V / div
CH4: IL
1.0 A / div
CH1: VOUT_AC
50 mV / div
CH2: SW
7.0 V / div
CH4: IL
1.0 A / div
24
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2.3.4.3
Selecting the Bootstrap Capacitor
The bootstrap capacitor between the BST and SW pin supplies the gate current to charge the high-side FET
device gate during each cycle’s turn-on and also supplies charge for the bootstrap capacitor. The recommended
value of the bootstrap capacitor is 20 nF to 200 nF. CBST should be a good quality, low ESR, ceramic capacitor
located at the pins of the device to minimize potentially damaging voltage transients caused by trace inductance.
A value of 100 nF is selected for this design example.
9.2.4 TPS61372 Application Waveform
Typical condition VIN = 3 V to 4.5 V, VOUT = 12 V, Temp = 25°C, unless otherwise noted
VIN = 4 V
VOUT= 12 V
Mode = Auto PFM
L = 2.2 µH
COUT= 3 × 10 µF
Figure 17. Steady-state at 200 mA Load
VIN = 4 V
VOUT= 12 V
Mode = Auto PFM
L = 2.2 µH
COUT= 3 × 10 µF
Figure 18. Steady-state at 10 mA Load
VIN = 4 V
VOUT= 12 V
Mode = Auto PFM
L = 2.2 µH
COUT= 3 × 10 µF
Figure 19. Startup by EN, Load = 12.5 Ω
VIN = 4 V
VOUT= 12 V
Mode = Auto PFM
L = 2.2 µH
COUT= 3 × 10 µF
Figure 20. Shutdown by EN, Load = 12.5 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com