Electronic Components Datasheet Search
  English  ▼

X  

TPS61372 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 3Page - Texas Instruments TPS61372 Datasheet HTML 4Page - Texas Instruments TPS61372 Datasheet HTML 5Page - Texas Instruments TPS61372 Datasheet HTML 6Page - Texas Instruments TPS61372 Datasheet HTML 7Page - Texas Instruments TPS61372 Datasheet HTML 8Page - Texas Instruments TPS61372 Datasheet HTML 9Page - Texas Instruments TPS61372 Datasheet HTML 10Page - Texas Instruments TPS61372 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TPS61372
www.ti.com
SLVSEE7 – JUNE 2018
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Switching Characteristics
VIN = 2.5 V to 5 V and VOUT = 5 V to 16 V, TJ = - 40 °C to 125 °C , Typical values are at TJ = 25 °C, unless otherwise noted.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
EN, MODE LOGICS
tDEGLITCH
EN, MODE deglitch time (rising /
falling)
VIN = 4 V, VOUT = 12 V, TJ = 25 °C
13
µs
SWITCHING
fSW
Switch frequency
VIN = 3 V to 4.5 V, VOUT = 5 V to 12 V,
TJ = - 40 °C to 125 °C
1.3
1.5
1.7
MHz
TIMING
tON_MIN
Minimum on time
70
100
ns
tSS
Soft-start time
VIN = 4 V, VOUT = 12 V, TJ = 25 °C
1
ms
tHIC_ON
Off time of hiccup cycle
VIN = 4 V, VOUT = 10 V, TJ = 25 °C
80
ms
tHIC_OFF
On time of hiccup cycle
VIN = 4 V, VOUT = 10 V, TJ = 25 °C
2
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com