Electronic Components Datasheet Search
  English  ▼

X  

TPS61372 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 27Page - Texas Instruments TPS61372 Datasheet HTML 28Page - Texas Instruments TPS61372 Datasheet HTML 29Page - Texas Instruments TPS61372 Datasheet HTML 30Page - Texas Instruments TPS61372 Datasheet HTML 31Page - Texas Instruments TPS61372 Datasheet HTML 32Page - Texas Instruments TPS61372 Datasheet HTML 33Page - Texas Instruments TPS61372 Datasheet HTML 34Page - Texas Instruments TPS61372 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.5 MAX
0.18
0.13
1.05
TYP
1.05
TYP
16X
0.24
0.19
0.35
TYP
0.35
TYP
B
E
A
D
4223145/A 08/2016
DSBGA - 0.5 mm max height
YKB0016
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SYMM
SYMM
D
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
1
2
0.015
C A B
A
B
C
3
4
SCALE 9.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com