Electronic Components Datasheet Search
  English  ▼

X  

TPS61372 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 10Page - Texas Instruments TPS61372 Datasheet HTML 11Page - Texas Instruments TPS61372 Datasheet HTML 12Page - Texas Instruments TPS61372 Datasheet HTML 13Page - Texas Instruments TPS61372 Datasheet HTML 14Page - Texas Instruments TPS61372 Datasheet HTML 15Page - Texas Instruments TPS61372 Datasheet HTML 16Page - Texas Instruments TPS61372 Datasheet HTML 17Page - Texas Instruments TPS61372 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
=
1
K
R
C
¦
´
´
=
ON
OFF1
OFF2
T
T
T
T
K
R
C
+
+
=
´
´
OUT
PEAK
PEAK
PEAK
=
ON
OFF1
OFF2
IN
OUT
IN
IN
OUT
IN
V
L I
L I
L
I
T T
T
T
+
+ K R C
+
V
V
V
V
V
V
§
·
u
u
u
u u
¨
¸
©
¹
x
OFF2
OUT
PEAK
IN
OUT
IN
OUT
PEAK
T
=
IN
IN
OUT
IN
V
L
I
K
V
C
R
V
V
V
L
I
= K R C
+
V
V
V
V
R
§
·
u
u
u
¨
¸
§
·
u
©
¹
u
u
¨
¸
©
¹
x
x
IN
OUT
PEAK
IN
K
V
C =
OFF2
OUT
IN
V
L
I
V
+
+
T
R
V
V
R
u
u
u
u
x
PEAK
ON
IN
L
I
T
V
´
=
VSW
VOUT
0
TON
TOFF1
TOFF2
14
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Behavior Description (continued)
R is the resistor connecting to SW to generate the charge current of TOFF timer
C is the capacitor for charging up the voltage of TOFF timer
For TPS61372, the K is 3 and RC = 2.22 x 10-7, the typical switching frequency at CCM operation is 1.5 MHz.
At the DCM operation, as shown in Figure 12 VSW = VOUT, during off time of TOFF1 while VSW = VIN during the off
time of TOFF2
Figure 12. Switching Cycle at DCM
The switching frequency at DCM could be calculated by Equation 9, Equation 10, Equation 11, Equation 12,
Equation 13, Equation 14, Equation 15
(9)
(10)
(11)
(12)
(13)
(14)
(15)
The switching frequency keeps fairly constant regardless of the input voltage variation. For TPS61372, the K is 3
and RC = 2.22 x 10-7, the typical switching frequency at DCM operation is 1.5 MHz, which is the same as that of
CCM operation.
8.5.2 Start up
The TPS61372 implements the soft start function to reduce the inrush current during startup. The TPS61372
begins soft start (typically 1 ms ) when the EN pin is pulled high. There are two phases for the startup procedure
shown in :
a. When VOUT is below 105% VIN , the switching frequency is 500 kHz while the gate voltage of isolation FET is
clamped at VIN – 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com