Electronic Components Datasheet Search
  English  ▼

X  

TPS61372 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61372
Description  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 8Page - Texas Instruments TPS61372 Datasheet HTML 9Page - Texas Instruments TPS61372 Datasheet HTML 10Page - Texas Instruments TPS61372 Datasheet HTML 11Page - Texas Instruments TPS61372 Datasheet HTML 12Page - Texas Instruments TPS61372 Datasheet HTML 13Page - Texas Instruments TPS61372 Datasheet HTML 14Page - Texas Instruments TPS61372 Datasheet HTML 15Page - Texas Instruments TPS61372 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
IL
Load
VOUT
PFM
PWM
VOUT_PFM
VOUT_NORM
ICLAMP_LOW
TOFF longer with
lower current
TON = (L * I CLAMP_LOW) / VIN
12
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2 Auto PFM Mode
The TPS61372 integrates a power save mode with pulse frequency modulation ( PFM ) at the light load ( set the
mode pin low logic or floating ). When a light load condition occurs, the COMP pin voltage naturally decreases,
reducing the peak current delivered by the TPS61372. When the COMP pin voltage further reaches the
threshold, the output of the error amplifier is clamped at this threshold and does not go down any more. If the
load is further lowered, the output voltage of TPS61372 will exceed the nominal voltage and the device will skip
the switching cycles and regulate the output voltage at a higher threshold (typically 101.6% x VOUT_NORM)
Figure 9 shows the working principle of the PFM operation. The Auto PFM mode reduces the switching losses
and improves efficiency at light load condition by reducing the average switching frequency.
Figure 9. Auto PFM Operation Behavior
8.4.3 Forced PWM Mode
In the Forced PWM mode, the TPS61372 keeps the switching frequency being constant across the whole load
range. When the load current decreases, the output of the internal error amplifier decreases as well to lower the
inductor peak current and delivers less power. The high-side FET is not turned off even if the current through the
FET goes negative to keep the switching frequency be the same as that of the heavy load.
8.4.4 Mode Selectable
There is a mode pin to configure the TPS61372 into two different operation modes. The device works in the Auto
PFM mode when pulling the mode pin to low or floating and in forced PWM mode when mode pin is high
8.5 Device Behavior Description
8.5.1 Adaptive Off Time with Peak Current Control Topology
The TPS61372 uses the peak current mode with the adaptive off time control based topology. At the beginning of
each cycle, the low-side FET turns on and the inductor current ramps up to reach a peak current determined by
the output of the error amplifier (EA). When the peak current pre-set value determined by the EA's output trips,
the low-side FET turns off. As long as the low-side FET turns off, the high-side FET turns on after a short delay
time to avoid the shoot through. The duration of low-side FET off state is based on the VIN / VOUT ratio, a circuit in
Figure 10 is adopted to predict the required off time of the switching cycle. The high-side FET is not turned off
until the predicted off-time expires. After a short dead time, the low-side FET turns on again and the switching
cycle is repeated.
Figure 10 shows the details of the off time predication of low-side FET, there is a current source (determined by
SW, R ) charging an internal capacitor (C). The off time (TOFF) expires as long as the voltage of the capacitor
reaching the given threshold (be proportional to the input voltage). The exact TOFF can be calculated by
Equation 1 ,Equation 2, Equation 3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com