Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 13Page - NXP Semiconductors LPC81xM Datasheet HTML 14Page - NXP Semiconductors LPC81xM Datasheet HTML 15Page - NXP Semiconductors LPC81xM Datasheet HTML 16Page - NXP Semiconductors LPC81xM Datasheet HTML 17Page - NXP Semiconductors LPC81xM Datasheet HTML 18Page - NXP Semiconductors LPC81xM Datasheet HTML 19Page - NXP Semiconductors LPC81xM Datasheet HTML 20Page - NXP Semiconductors LPC81xM Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
17 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
8.9 Switch Matrix (SWM)
The switch matrix controls the function of each digital or mixed analog/digital pin in a
highly flexible way by allowing to connect many functions like the USART, SPI, SCT, and
I2C functions to any pin that is not power or ground. These functions are called movable
functions and are listed in Table 5.
Functions that need specialized pads like the oscillator pins XTALIN and XTALOUT can
be enabled or disabled through the switch matrix. These functions are called fixed-pin
functions and cannot move to other pins. The fixed-pin functions are listed in Table 4. If a
fixed-pin function is disabled, any other movable function can be assigned to this pin.
8.10 Fast General-Purpose parallel I/O (GPIO)
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Multiple outputs
can be set or cleared in one write operation.
LPC81xM use accelerated GPIO functions:
• GPIO registers are located on the ARM Cortex M0+ IO bus for fastest possible
single-cycle I/O timing, allowing GPIO toggling with rates of up to 15 MHz.
Fig 8.
Standard I/O pad configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com