| Electronic Components Datasheet Search |
|
LPC81xM Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC81xM Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 78 page ![]() LPC81XM All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 4.6 — 4 April 2018 30 of 78 NXP Semiconductors LPC81xM 32-bit ARM Cortex-M0+ microcontroller 8.22 Emulation and debugging Debug functions are integrated into the ARM Cortex-M0+. Serial wire debug functions are supported in addition to a standard JTAG boundary scan. The ARM Cortex-M0+ is configured to support up to four breakpoints and two watch points. The Micro Trace Buffer is implemented on the LPC81xM. The RESET pin selects between the JTAG boundary scan (RESET = LOW) and the ARM SWD debug (RESET = HIGH). The ARM SWD debug port is disabled while the LPC81xM is in reset. The JTAG boundary scan pins are selected by hardware when the part is in boundary scan mode on pins PIO0_0 to PIO0_3 (see Table 4). To perform boundary scan testing, follow these steps: 1. Erase any user code residing in flash. 2. Power up the part with the RESET pin pulled HIGH externally. 3. Wait for at least 250 s. 4. Pull the RESET pin LOW externally. 5. Perform boundary scan operations. 6. Once the boundary scan operations are completed, assert the TRST pin to enable the SWD debug mode, and release the RESET pin (pull HIGH). Remark: The JTAG interface cannot be used for debug purposes. Fig 12. Connecting the SWD pins to a standard SWD connector |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |