Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 44Page - NXP Semiconductors LPC81xM Datasheet HTML 45Page - NXP Semiconductors LPC81xM Datasheet HTML 46Page - NXP Semiconductors LPC81xM Datasheet HTML 47Page - NXP Semiconductors LPC81xM Datasheet HTML 48Page - NXP Semiconductors LPC81xM Datasheet HTML 49Page - NXP Semiconductors LPC81xM Datasheet HTML 50Page - NXP Semiconductors LPC81xM Datasheet HTML 51Page - NXP Semiconductors LPC81xM Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
48 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
12.4 Internal oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply
voltages.
[1]
Typical ratings are not guaranteed. The values listed are at nominal supply voltages.
[2]
The typical frequency spread over processing and temperature (Tamb = 40 C to +105 C) is 40 %.
[3]
See the LPC81xM user manual.
Table 14.
Dynamic characteristics: IRC
Tamb = 40 C to +105 C; 2.7 V VDD 3.6 V[1].
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator
frequency
Tamb = 40 C to
+105
C
11.82
12
12.18
MHz
Conditions: Frequency values are typical values. 12 MHz
 1.5 % accuracy is guaranteed for
2.7 V
 V
DD  3.6 V and Tamb = 40 C to +105 C. Variations between parts may cause the IRC to
fall outside the 12 MHz
 1.5 % accuracy specification for voltages below 2.7 V.
Fig 30. Typical Internal RC oscillator frequency versus temperature
Table 15.
Dynamic characteristics: Watchdog oscillator
Symbol
Parameter
Conditions
Min
Typ[1] Max Unit
fosc(int)
internal oscillator
frequency
DIVSEL = 0x1F, FREQSEL = 0x1
in the WDTOSCCTRL register;
[2][3] -9.4
-
kHz
DIVSEL = 0x00, FREQSEL = 0xF
in the WDTOSCCTRL register
[2][3] -
2300
-
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com