Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 15Page - NXP Semiconductors LPC81xM Datasheet HTML 16Page - NXP Semiconductors LPC81xM Datasheet HTML 17Page - NXP Semiconductors LPC81xM Datasheet HTML 18Page - NXP Semiconductors LPC81xM Datasheet HTML 19Page - NXP Semiconductors LPC81xM Datasheet HTML 20Page - NXP Semiconductors LPC81xM Datasheet HTML 21Page - NXP Semiconductors LPC81xM Datasheet HTML 22Page - NXP Semiconductors LPC81xM Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
19 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
– The pattern match engine does not facilitate wake-up.
8.12 USART0/1/2
Remark: USART0 and USART1 are available on all LPC800 parts. USART2 is available
on parts LPC812M101JTB16, LPC812M101JDH16, and LPC812M101JDH20 only.
All USART functions are movable functions and are assigned to pins through the switch
matrix.
8.12.1 Features
• Maximum bit rates of 1.875 Mbit/s in asynchronous mode and 10 Mbit/s in
synchronous mode for USART functions connected to all digital pins except PIO0_10
and PIO0_11.
• 7, 8, or 9 data bits and 1 or 2 stop bits
• Synchronous mode with master or slave operation. Includes data phase selection and
continuous clock option.
• Multiprocessor/multidrop (9-bit) mode with software address compare. (RS-485
possible with software address detection and transceiver direction control.)
• Parity generation and checking: odd, even, or none.
• One transmit and one receive data buffer.
• RTS/CTS for hardware signaling for automatic flow control. Software flow control can
be performed using Delta CTS detect, Transmit Disable control, and any GPIO as an
RTS output.
• Received data and status can optionally be read from a single register
• Break generation and detection.
• Receive data is 2 of 3 sample "voting". Status flag set when one sample differs.
• Built-in Baud Rate Generator.
• A fractional rate divider is shared among all UARTs.
• Interrupts available for Receiver Ready, Transmitter Ready, Receiver Idle, change in
receiver break detect, Framing error, Parity error, Overrun, Underrun, Delta CTS
detect, and receiver sample noise detected.
• Separate data and flow control loopback modes for testing.
• Supported by on-chip ROM API.
8.13 SPI0/1
Remark: SPI0 is available on all LPC800 parts. SPI1 is available on parts
LPC812M101JDH16 and LPC812M101JDH20 only.
All SPI functions are movable functions and are assigned to pins through the switch
matrix.
8.13.1 Features
• Maximum data rates of 30 Mbit/s in master mode and 25 Mbit/s in slave mode for SPI
functions connected to all digital pins except PIO0_10 and PIO0_11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com