Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 54 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 50Page - NXP Semiconductors LPC81xM Datasheet HTML 51Page - NXP Semiconductors LPC81xM Datasheet HTML 52Page - NXP Semiconductors LPC81xM Datasheet HTML 53Page - NXP Semiconductors LPC81xM Datasheet HTML 54Page - NXP Semiconductors LPC81xM Datasheet HTML 55Page - NXP Semiconductors LPC81xM Datasheet HTML 56Page - NXP Semiconductors LPC81xM Datasheet HTML 57Page - NXP Semiconductors LPC81xM Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
54 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
12.8 USART interface
The maximum USART bit rate is 1.875 Mbit/s in asynchronous mode and 10 Mbit/s in
synchronous mode slave and master mode.
Remark: USART functions can be assigned to all digital pins. The characteristics are valid
for all digital pins except the open-drain pins PIO0_10 and PIO0_11.
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), V
DD = 3.3 V, typical
samples.
[2]
Tcy(clk) = U_PCLK/BRGVAL. See the LPC800 User manual UM10601.
[3]
Capacitance on pin Un_SCLK CSCLK < 5 pF.
Table 19.
USART dynamic characteristics
Tamb = 40 C to 105 C; 1.8 V VDD 3.6 V. Simulated parameters sampled at the 50 % level of
the falling or rising edge; values guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
Tcy(clk)
clock cycle time
[2]
100
-
ns
USART master (in synchronous mode)[3]
tsu(D)
data input set-up
time
44
-
ns
th(D)
data input hold time
0
-
ns
tv(Q)
data output valid time
-
-8
ns
th(Q)
data output hold time
-8
-
ns
USART slave (in synchronous mode)
tsu(D)
data input set-up
time
5-
ns
th(D)
data input hold time
0
-
ns
tv(Q)
data output valid time CL = 10 pF
-
40
ns
th(Q)
data output hold time CL = 10 pF
40
-
ns
Fig 34. USART timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com