Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 74 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 70Page - NXP Semiconductors LPC81xM Datasheet HTML 71Page - NXP Semiconductors LPC81xM Datasheet HTML 72Page - NXP Semiconductors LPC81xM Datasheet HTML 73Page - NXP Semiconductors LPC81xM Datasheet HTML 74Page - NXP Semiconductors LPC81xM Datasheet HTML 75Page - NXP Semiconductors LPC81xM Datasheet HTML 76Page - NXP Semiconductors LPC81xM Datasheet HTML 77Page - NXP Semiconductors LPC81xM Datasheet HTML 78Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
74 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
• Operating temperature range changed to 40 °C to 105 °C.
• Type numbers updated to reflect the new operating temperature range. See Table 1
“Ordering information” and Table 2 “Ordering options”.
• ISP entry pin moved from PIO0_1 to PIO0_12 for TSSOP, and SSOP packages. See
Table 4 and Table 6.
• Propagation delay values updated in Table 21 “Comparator characteristics”.
• SPI characteristics updated. See Section 12.6.
• IRC characteristics updated. See Section 12.3.
• CoreMark data updated. See Figure 19 and Figure 20.
• IRC frequency changed to 12 MHz +/- 1.5 %. See Table 13.
• Data sheet status updated to Product data sheet.
LPC81XM v.2.1
20130325
Preliminary data sheet -
LPC81XM v.2
• Editorial updates (temperature sensor removed).
• CoreMark data added. See Figure 19 “Active mode: CoreMark power consumption
IDD” and Figure 20 “CoreMark score”.
• IDD in Deep power-down mode added for condition Low-power oscillator on/WKT
wake-up enabled. See Table 10.
• Table note 3 updated for Table 4 “Pin description table (fixed pins)”.
• Conditions for ter and tprog updated in Table 12 “Flash characteristics”.
• Section 13.3 “Internal voltage reference” added.
• Typical timing data added for SPI. See Section 12.6.
• Typical timing data added for USART in synchronous mode. See Section 12.7.
• BOD characterization added. See Section 13.1.
• IRC characterization added. See Section 12.3.
• Internal voltage reference characteristics added. See Section 13.3.
• Data sheet status changed to Preliminary data sheet.
LPC81XM v.2
20130128
Objective data sheet
-
LPC81XM v.1
Modifications:
• MTB memory space changed to 1 kB in Figure 6.
• Electrical pin characteristics added in Table 10.
• Figure 11 “Connecting the SWD pins to a standard SWD connector” added.
• Peripheral power consumption added in Table 11.
• Table 7 updated.
• MRT implementation changed to 31-bit timer.
• Power consumption data in active and sleep mode with IRC added. See Figure 13 to
Figure 15.
• Power consumption (parameter IDD) in active and sleep mode for low-power mode at
12 MHz corrected in Table 10.
• Power consumption (parameter IDD) in active and sleep mode at 24 MHz added in
Table 10.
• Maximum USART speed in synchronous mode changed to 10 Mbit/s.
• Section 5 “Marking” added.
LPC81XM v.1
20121112
Objective data sheet
-
-
Table 30.
Revision history …continued
Document ID
Release date
Data sheet status
Change notice Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com