Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 52Page - NXP Semiconductors LPC81xM Datasheet HTML 53Page - NXP Semiconductors LPC81xM Datasheet HTML 54Page - NXP Semiconductors LPC81xM Datasheet HTML 55Page - NXP Semiconductors LPC81xM Datasheet HTML 56Page - NXP Semiconductors LPC81xM Datasheet HTML 57Page - NXP Semiconductors LPC81xM Datasheet HTML 58Page - NXP Semiconductors LPC81xM Datasheet HTML 59Page - NXP Semiconductors LPC81xM Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
56 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[3]
Typical values are derived from nominal simulation (VDD = 3.3 V; Tamb = 27 C; nominal process models).
Maximum values are derived from worst case simulation (VDD = 2.6 V; Tamb = 105 C; slow process
models).
[4]
Maximum and minimum values are measured on samples from the corners of the process matrix lot.
13.3 Comparator
VDD = 3.3 V
Fig 35. Typical internal voltage reference output voltage
Table 22.
Comparator characteristics
VDD = 3.0 V and Tamb = 27 C unless noted otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
Vref(cmp)
comparator reference
voltage
pin PIO0_6/VDDCMP configured for
function VDDCMP
1.5
-
3.6
V
IDD
supply current
-
55
-
A
VIC
common-mode input
voltage
0-
VDD
V
DVO
output voltage variation
0
-
VDD
V
Voffset
offset voltage
VIC = 0.1 V
-
1.9
-
mV
VIC = 1.5 V
-
2.1
-
mV
VIC = 2.8 V
-
2.0
mV
Dynamic characteristics
tstartup
start-up time
nominal process
-
4
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com