Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 16Page - NXP Semiconductors LPC81xM Datasheet HTML 17Page - NXP Semiconductors LPC81xM Datasheet HTML 18Page - NXP Semiconductors LPC81xM Datasheet HTML 19Page - NXP Semiconductors LPC81xM Datasheet HTML 20Page - NXP Semiconductors LPC81xM Datasheet HTML 21Page - NXP Semiconductors LPC81xM Datasheet HTML 22Page - NXP Semiconductors LPC81xM Datasheet HTML 23Page - NXP Semiconductors LPC81xM Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
20 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
• Data frames of 1 to 16 bits supported directly. Larger frames supported by software.
• Master and slave operation.
• Data can be transmitted to a slave without the need to read incoming data. This can
be useful while setting up an SPI memory.
• Control information can optionally be written along with data. This allows very
versatile operation, including “any length” frames.
• One Slave Select input/output with selectable polarity and flexible usage.
Remark: Texas Instruments SSI and National Microwire modes are not supported.
8.14 I2C-bus interface
The I2C-bus is bidirectional for inter-IC control using only two wires: a serial clock line
(SCL) and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., an LCD driver) or a transmitter with the
capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C is a multi-master bus and can be
controlled by more than one bus master connected to it.
The I2C-bus functions are movable functions and can be assigned through the switch
matrix to any pin. However, only the true open-drain PIO0_10 and PIO0_11 provide the
electrical characteristics to support the full I2C-bus specification (see Ref. 1).
8.14.1 Features
• Supports standard and fast mode with data rates of up to 400 kbit/s.
• Independent Master, Slave, and Monitor functions.
• Supports both Multi-master and Multi-master with Slave functions.
• Multiple I2C slave addresses supported in hardware.
• One slave address can be selectively qualified with a bit mask or an address range in
order to respond to multiple I2C bus addresses.
• 10-bit addressing supported with software assist.
• Supports SMBus.
• Supported by on-chip ROM API.
• If the I2C functions are connected to the true open-drain pins (PIO0_10 and
PIO0_11), the I2C supports the full I2C-bus specification:
– Fail-safe operation: When the power to an I2C-bus device is switched off, the SDA
and SCL pins connected to the I2C-bus are floating and do not disturb the bus.
– Supports Fast-mode Plus with bit rates up to 1 Mbit/s.
8.15 State-Configurable Timer/PWM (SCTimer/PWM)
The state configurable timer (SCTimer/PWM or SCT) can perform basic 16-bit and 32-bit
timer/counter functions with match outputs and external and internal capture inputs. In
addition, the SCTimer/PWM can employ up to two different programmable states, which
can change under the control of events, to provide complex timing patterns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com