Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 27Page - NXP Semiconductors LPC81xM Datasheet HTML 28Page - NXP Semiconductors LPC81xM Datasheet HTML 29Page - NXP Semiconductors LPC81xM Datasheet HTML 30Page - NXP Semiconductors LPC81xM Datasheet HTML 31Page - NXP Semiconductors LPC81xM Datasheet HTML 32Page - NXP Semiconductors LPC81xM Datasheet HTML 33Page - NXP Semiconductors LPC81xM Datasheet HTML 34Page - NXP Semiconductors LPC81xM Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
31 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
9.
Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
c) The limiting values are stress ratings only. Operating the part at these values is not recommended and proper operation is not
guaranteed. The conditions for functional operation are specified in Table 9.
[2]
Maximum/minimum voltage above the maximum operating voltage (see Table 9) and below ground that can be applied for a short time
(< 10 ms) to a device without leading to irrecoverable failure. Failure includes the loss of reliability and shorter lifetime of the device.
[3]
Including voltage on outputs in tri-state mode. Does not apply to pin PIO0_6.
[4]
VDD present or not present. Compliant with the I2C-bus standard. 5.5 V can be applied to this pin when VDD is powered down.
[5]
VDD present or not present.
[6]
If the comparator is configured with the common mode input VIC = VDD, the other comparator input can be up to 0.2 V above or below
VDD without affecting the hysteresis range of the comparator function.
[7]
It is recommended to connect an overvoltage protection diode between the analog input pin and the voltage supply pin.
[8]
The maximum non-operating storage temperature is different than the temperature for required shelf life which should be determined
based on required shelf lifetime. Please refer to the JEDEC spec (J-STD-033B.1) for further details.
[9]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage (core and external rail)
[2]
0.5
+4.6
V
VI
input voltage
5 V tolerant I/O pins; VDD  1.8 V
[3]
0.5
+5.5
V
5 V tolerant open-drain pins PIO0_10
and PIO0_11
[4]
0.5
+5.5
V
3 V tolerant I/O pin PIO0_6
[5]
0.5
+3.6
V
VIA
analog input voltage
[6]
[7]
0.5
4.6
V
Vi(xtal)
crystal input voltage
[2]
0.5
+2.5
V
IDD
supply current
per supply pin
-
100
mA
ISS
ground current
per ground pin
-
100
mA
Ilatch
I/O latch-up current
(0.5V
DD) < VI < (1.5VDD);
Tj < 125 C
-100
mA
Tstg
storage temperature
non-operating
[8]
65
+150
C
Tj(max)
maximum junction temperature
-
150
C
Ptot(pack)
total power dissipation (per package)
based on package heat transfer, not
device power consumption
-1.5
W
VESD
electrostatic discharge voltage
human body model; all pins
[9] -
5500
V
charged device model; TSSOP20 and
SOP20 packages
-
1200
V
charged device model; TSSOP16
package
-
1000
V
charged device model; XSON16
package
-800
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com