Electronic Components Datasheet Search
  English  ▼

X  

LPC81xM Datasheet(PDF) 26 Page - NXP Semiconductors

Part # LPC81xM
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81xM Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button LPC81xM Datasheet HTML 22Page - NXP Semiconductors LPC81xM Datasheet HTML 23Page - NXP Semiconductors LPC81xM Datasheet HTML 24Page - NXP Semiconductors LPC81xM Datasheet HTML 25Page - NXP Semiconductors LPC81xM Datasheet HTML 26Page - NXP Semiconductors LPC81xM Datasheet HTML 27Page - NXP Semiconductors LPC81xM Datasheet HTML 28Page - NXP Semiconductors LPC81xM Datasheet HTML 29Page - NXP Semiconductors LPC81xM Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
LPC81XM
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4.6 — 4 April 2018
26 of 78
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
divider may be set to divide by 2, 4, 8, or 16 to produce the output clock. Since the
minimum output divider value is 2, it is insured that the PLL output has a 50 % duty cycle.
The PLL is turned off and bypassed following a chip reset and may be enabled by
software. The program must configure and activate the PLL, wait for the PLL to lock, and
then connect to the PLL as a clock source. The PLL settling time is nominally 100
s.
8.20.4 Clock output
The LPC81xM features a clock output function that routes the IRC, the SysOsc, the
watchdog oscillator, or the main clock to the CLKOUT function. The CLKOUT function can
be connected to any digital pin through the switch matrix.
8.20.5 Wake-up process
The LPC81xM begin operation at power-up by using the IRC as the clock source. This
allows chip operation to resume quickly. If the SysOsc, the external clock source, or the
PLL is needed by the application, software must enable these features and wait for them
to stabilize before they are used as a clock source.
8.20.6 Power control
The LPC81xM supports the ARM Cortex-M0 Sleep mode. The CPU clock rate may also
be controlled as needed by changing clock sources, reconfiguring PLL values, and/or
altering the CPU clock divider value. This allows a trade-off of power versus processing
speed based on application requirements. In addition, a register is provided for shutting
down the clocks to individual on-chip peripherals, allowing to fine-tune power
consumption by eliminating all dynamic power use in any peripherals that are not required
for the application. Selected peripherals have their own clock divider which provides even
better power control.
8.20.6.1
Power profiles
The power consumption in Active and Sleep modes can be optimized for the application
through simple calls to the power profile API. The API is accessible through the on-chip
ROM.
The power configuration routine configures the LPC81xM for one of the following power
modes:
• Default mode corresponding to power configuration after reset.
• CPU performance mode corresponding to optimized processing capability.
• Efficiency mode corresponding to optimized balance of current consumption and CPU
performance.
• Low-current mode corresponding to lowest power consumption.
In addition, the power profile includes routines to select the optimal PLL settings for a
given system clock and PLL input clock.
8.20.6.2
Sleep mode
When Sleep mode is entered, the clock to the core is stopped. Resumption from the Sleep
mode does not need any special sequence but re-enabling the clock to the ARM core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com