Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9523 Datasheet HTML 29Page - Analog Devices AD9523 Datasheet HTML 30Page - Analog Devices AD9523 Datasheet HTML 31Page - Analog Devices AD9523 Datasheet HTML 32Page - Analog Devices AD9523 Datasheet HTML 33Page - Analog Devices AD9523 Datasheet HTML 34Page - Analog Devices AD9523 Datasheet HTML 35Page - Analog Devices AD9523 Datasheet HTML 36Page - Analog Devices AD9523 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 33 of 60
tS
DON'T CARE
DON'T CARE
W1
W0
A12
A11
A10
A9A8A7
A6A5D4D3D2
D1
D0
HIGH-IMEPDANCE
R/W
tDS
tDH
tHIGH
tLOW
tSCLK
tC
CS
SCLK
SDIO
Figure 37. Serial Control Port Read—MSB First, 16-Bit Instruction, One Byte of Data
CS
SCLK DON'T CARE
SDIO
A12
W0
W1
R/W
A11 A10 A9
A8
A7
A6 A5
A4 A3 A2
A1 A0
D7 D6 D5
D4 D3
D2 D1
D0
D7
D6 D5
D4 D3 D2
D1 D0
DON'T CARE
DON'T CARE
DON'T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N – 1) DATA
Figure 38. Serial Control Port Write—MSB First, 16-Bit Instruction, Two Bytes of Data
CS
SCLK
SDIO
SDO
REGISTER (N) DATA
16-BIT INSTRUCTION HEADER
REGISTER (N – 1) DATA
REGISTER (N – 2) DATA
REGISTER (N – 3) DATA
A12
W0
W1
R/W
A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0
DON'T CARE
DON'T CARE
DON'T CARE
DON'T
CARE
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Figure 39. Serial Control Port Read—MSB First, 16-Bit Instruction, Four Bytes of Data
tS
DON'T CARE
DON'T CARE
W1
W0
A12
A11
A10
A9A8A7A6A5
D4D3D2D1D0
DON'T CARE
DON'T CARE
R/W
tDS
tDH
tHIGH
tLOW
tCLK
tC
CS
SCLK
SDIO
Figure 40. Serial Control Port Write—MSB First, 16-Bit Instruction, Timing Measurements
DATA BIT N – 1
DATA BIT N
CS
SCLK
SDIO
SDO
tDV
Figure 41. Timing Diagram for Serial Control Port Register Read
CS
SCLK DON'T CARE
DON'T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N + 1) DATA
SDIO
DON'T CARE
DON'T CARE
A0 A1 A2 A3
A4
A5 A6
A7
A8
A9 A10 A11 A12
D1
D0
R/W
W1
W0
D2
D3
D4
D5 D6
D7
D0
D1 D2
D3 D4 D5
D6
D7
Figure 42. Serial Control Port Write—LSB First, 16-Bit Instruction, Two Bytes of Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com