Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 51 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9523 Datasheet HTML 47Page - Analog Devices AD9523 Datasheet HTML 48Page - Analog Devices AD9523 Datasheet HTML 49Page - Analog Devices AD9523 Datasheet HTML 50Page - Analog Devices AD9523 Datasheet HTML 51Page - Analog Devices AD9523 Datasheet HTML 52Page - Analog Devices AD9523 Datasheet HTML 53Page - Analog Devices AD9523 Datasheet HTML 54Page - Analog Devices AD9523 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 51 of 60
Table 43. PLL1 Miscellaneous Control
Address
Bits
Bit Name
Description
0x01C
7
Enable REFB R divider
independent division control
1: REFB R divider is controlled by Register 0x012 and Register 0x013.
0: REFB R divider is set to the same setting as the REFA R divider (Register 0x010
and Register 0x011). This requires that, for the loop to stay locked, the REFA and
REFB input frequencies must be the same.
6
OSC_CTRL control voltage to
VCC/2 when reference clock fails
High permits the OSC_CTRL control voltage to be forced to midsupply when the
feedback or input clocks fail. Low tristates the charge pump output.
1: OSC_CTRL control voltage goes to VCC/2.
0: OSC_CTRL control voltage tracks the tristated (high impedance) charge pump
(through the buffer).
5
Reserved
Reserved.
[4:2]
Reference selection mode
Programs the REFA, REFB mode selection (default = 000).
REF_SEL
Pin
Bit 4
Bit 3
Bit 2
Description
X1
0
0
0
Nonrevertive: stay on REFB.
X1
0
0
1
Revert to REFA.
X1
0
1
0
Select REFA.
X1
0
1
1
Select REFB.
0
1
X1
X1
REF_SEL pin = 0 (low): REFA.
1
1
X1
X1
REF_SEL pin = 1 (high): REFB.
[1:0]
Reserved
0: reserved (default).
1 X = don’t care.
Table 44. PLL1 Loop Filter Zero Resistor Control
Address
Bits
Bit Name
Description
0x01D
[7:4]
Reserved
Reserved.
[3:0]
PLL1 loop filter, RZERO
Programs the value of the zero resistor, RZERO.
Bit 3
Bit 2
Bit 1
Bit 0
RZERO Value (kΩ)
0
0
0
0
883
0
0
0
1
677
0
0
1
0
341
0
0
1
1
135
0
1
0
0
10
0
1
0
1
10
0
1
1
0
10
0
1
1
1
10
1
0
0
0
Use external resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com