Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9523 Datasheet HTML 48Page - Analog Devices AD9523 Datasheet HTML 49Page - Analog Devices AD9523 Datasheet HTML 50Page - Analog Devices AD9523 Datasheet HTML 51Page - Analog Devices AD9523 Datasheet HTML 52Page - Analog Devices AD9523 Datasheet HTML 53Page - Analog Devices AD9523 Datasheet HTML 54Page - Analog Devices AD9523 Datasheet HTML 55Page - Analog Devices AD9523 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 52 of 60
Output PLL (PLL2) (Address 0x0F0 to Address 0x0F6)
Table 45. PLL2 Charge Pump Control
Table 46. PLL2 Feedback N Divider Control
Table 47. PLL2 Control
Address
Bits
Bit Name
Description
0x0F2
7
PLL2 lock detector power-down
Controls power-down of the PLL2 lock detector.
1: lock detector powered down.
0: lock detector active.
6
Reserved
Default = 0; value must remain 0.
5
Enable frequency doubler
Enables doubling of the PLL2 reference input frequency.
1: enabled.
0: disabled.
4
Enable SPI control of antibacklash
pulse width
Setting this bit allows user control of the antibacklash pulse width setting in
Register 0x0F2[3:2].
0 (default): antibacklash period is forced to high.
1: antibacklash period defined by Register 0x0F[3:2] (recommended setting).
[3:2]
Antibacklash pulse width control
Controls the PFD antibacklash period. These bits default to the high setting unless
reprogrammed using Register 0x0F2[4] = 1b. The high setting decreases the
maximum allowable PLL2 PFD rate. See Table 12 for ranges.
00 minimum.
01: low.
10: high (initial state unless changed via Register 0x0F2[4] = 1b).
11: maximum.
[1:0]
PLL2 charge pump mode
Controls the mode of the PLL2 charge pump.
00: tristate.
01: pump up.
10: pump down.
11 (default): normal.
Address
Bits
Bit Name
Description
0x0F0
[7:0]
PLL2 charge pump control
These bits set the magnitude of the PLL2 charge pump current. Granularity is ~3.5 µA
with a full-scale magnitude of ~900 µA.
Address
Bits
Bit Name
Description
0x0F1
[7:6]
A counter
A counter word.
[5:0]
B counter
B counter word.
Feedback Divider Constraints
A Counter (Bits[7:6])
B Counter (Bits[5:0])
Allowed N Division (4 × B + A)
A = 0 or A = 1
B = 4
16, 17
A = 0 to A = 2
B = 5
20, 21, 22
A = 0 to A = 2
B = 6
24, 25, 26
A = 0 to A = 3
B ≥ 7
28, 29 … continuous to 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com