Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 60 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9523 Datasheet HTML 52Page - Analog Devices AD9523 Datasheet HTML 53Page - Analog Devices AD9523 Datasheet HTML 54Page - Analog Devices AD9523 Datasheet HTML 55Page - Analog Devices AD9523 Datasheet HTML 56Page - Analog Devices AD9523 Datasheet HTML 57Page - Analog Devices AD9523 Datasheet HTML 58Page - Analog Devices AD9523 Datasheet HTML 59Page - Analog Devices AD9523 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 60 of 60
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VNND-4
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
1
18
54
37
19
36
72
55
0.50
0.40
0.30
8.50 REF
PIN 1
INDICATOR
SEATING
PLANE
12° MAX
0.60
0.42
0.24
0.60
0.42
0.24
0.30
0.23
0.18
0.50
BSC
PIN 1
INDICATOR
COPLANARITY
0.08
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
TOP VIEW
EXPOSED
PAD
BOTTOM VIEW
10.10
10.00 SQ
9.90
9.85
9.75 SQ
9.65
0.25 MIN
5.45
5.30 SQ
5.15
Figure 46. 72-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
10 mm × 10 mm Body, Very Thin Quad
(CP-72-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9523BCPZ
−40°C to +85°C
72-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-72-6
AD9523BCPZ-REEL7
−40°C to +85°C
72-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-72-6
AD9523/PCBZ
Evaluation Board
1 Z = RoHS Compliant Part.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2010–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08439-0-9/15(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com