Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9523 Datasheet HTML 23Page - Analog Devices AD9523 Datasheet HTML 24Page - Analog Devices AD9523 Datasheet HTML 25Page - Analog Devices AD9523 Datasheet HTML 26Page - Analog Devices AD9523 Datasheet HTML 27Page - Analog Devices AD9523 Datasheet HTML 28Page - Analog Devices AD9523 Datasheet HTML 29Page - Analog Devices AD9523 Datasheet HTML 30Page - Analog Devices AD9523 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 27 of 60
POWER-DOWN MODE
Chip Power-Down via PD
Place the AD9523 into a power-down mode by pulling the PD pin
low. Power-down turns off most of the functions and currents
inside the AD9523. The chip remains in this power-down state
until PD is returned to a logic high state. When taken out of power-
down mode, the AD9523 returns to the settings programmed
into its registers prior to the power-down, unless the registers are
changed by new programming while the PD pin is held low.
POWER SUPPLY SEQUENCING
The AD9523 has multiple power supply domains that operate
with 3.3 V, and the output supply domain that operates on 1.8 V.
To ensure proper device operation, bring the 1.8 V supplies high
and stable prior to or simultaneously with the 3.3 V supplies. It
is recommended to hold the RESET pin low while both supply
domains settle to ensure that the 3.3 V supplies do not lead the
1.8 V supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com