Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9523 Datasheet HTML 52Page - Analog Devices AD9523 Datasheet HTML 53Page - Analog Devices AD9523 Datasheet HTML 54Page - Analog Devices AD9523 Datasheet HTML 55Page - Analog Devices AD9523 Datasheet HTML 56Page - Analog Devices AD9523 Datasheet HTML 57Page - Analog Devices AD9523 Datasheet HTML 58Page - Analog Devices AD9523 Datasheet HTML 59Page - Analog Devices AD9523 Datasheet HTML 60Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 59 of 60
EEPROM Control (Address 0xB00 to Address 0xB03)
Table 59. STATUS_EEPROM
Address
Bits
Bit Name
Description
0xB00
[7:1]
Reserved
Reserved.
0
STATUS_EEPROM
(read only)
This read-only bit indicates the status of the data transferred between the EEPROM and the
buffer register bank during the writing and reading of the EEPROM. This signal is also
available at the STATUS0 pin when Register 0x232[4] is set.
0: data transfer is complete.
1: data transfer is not complete.
Table 60. EEPROM Error Checking Readback
Address
Bits
Bit Name
Description
0xB01
[7:1]
Reserved
Reserved.
0
EEPROM data error
(read only)
This read-only bit indicates an error during the data transfer between the EEPROM and the buffer.
0: no error; data is correct.
1: incorrect data detected.
Table 61. EEPROM Control 1
Address
Bits
Bit Name
Description
0xB02
[7:2]
Reserved
Reserved.
1
SOFT_EEPROM
When the EEPROM_SEL pin is tied low, setting the SOFT_EEPROM bit resets the AD9523 using
the settings saved in EEPROM.
1: soft reset with EEPROM settings (self-clearing).
0
Enable EEPROM write
Enables the user to write to the EEPROM.
0: EEPROM write protection is enabled. User cannot write to EEPROM (default).
1: EEPROM write protection is disabled. User can write to EEPROM.
Table 62. EEPROM Control 2
Address
Bits
Bit Name
Description
0xB03
[7:1]
Reserved
Reserved.
0
REG2EEPROM
Transfers data from the buffer register to the EEPROM (self-clearing).
1: setting this bit initiates the data transfer from the buffer register to the EEPROM (writing
process); it is reset by the I²C master after the data transfer is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com