Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9523 Datasheet HTML 37Page - Analog Devices AD9523 Datasheet HTML 38Page - Analog Devices AD9523 Datasheet HTML 39Page - Analog Devices AD9523 Datasheet HTML 40Page - Analog Devices AD9523 Datasheet HTML 41Page - Analog Devices AD9523 Datasheet HTML 42Page - Analog Devices AD9523 Datasheet HTML 43Page - Analog Devices AD9523 Datasheet HTML 44Page - Analog Devices AD9523 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 41 of 60
POWER DISSIPATION AND THERMAL CONSIDERATIONS
The AD9523 is a multifunctional, high speed device that targets
a wide variety of clock applications. The numerous innovative
features contained in the device each consume incremental power.
If all outputs are enabled in the maximum frequency and mode
that have the highest power, the safe thermal operating conditions
of the device may be exceeded. Careful analysis and consideration
of power dissipation and thermal management are critical
elements in the proper application of the AD9523 device.
The AD9523 device is specified to operate within the industrial
temperature range of –40°C to +85°C. This specification is
conditional, however, such that the absolute maximum junction
temperature is not exceeded (as specified in Table 17). At
high operating temperatures, extreme care must be taken when
operating the device to avoid exceeding the junction temperature
and potentially damaging the device.
A maximum junction temperature is listed in Table 1 with the
ambient operating range. The ambient range and maximum
junction temperature specifications ensure the performance of
the device, as guaranteed in the Specifications section.
Many variables contribute to the operating junction temperature
within the device, including
•
Selected driver mode of operation
•
Output clock speed
•
Supply voltage
•
Ambient temperature
The combination of these variables determines the junction
temperature within the AD9523 device for a given set of
operating conditions.
The AD9523 is specified for an ambient temperature (TA). To
ensure that TA is not exceeded, an airflow source can be used.
Use the following equation to determine the junction
temperature on the application PCB:
TJ
= TCASE + (ΨJT × PD)
where:
TJ
is the junction temperature (°C).
TCASE
is the case temperature (°C) measured by the user at the
top center of the package.
ΨJT is the value from Table 18.
PD is the power dissipation of the AD9523.
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order
approximation of TJ by the equation
TJ
= TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJC are provided for package comparison and PCB
design considerations when an external heat sink is required.
Values of ΨJB are provided for package comparison and PCB
design considerations.
CLOCK SPEED AND DRIVER MODE
Clock speed directly and linearly influences the total power
dissipation of the device and, therefore, the junction temperature.
Two operating frequencies are listed under the incremental power
dissipation parameter in Table 3. Using linear interpretation is
a sufficient approximation for frequencies not listed in the table.
When calculating power dissipation for thermal consideration,
the amount of power dissipated in the 100 Ω resistor must be
removed. If using the data in Table 2, this power is already
removed. If using the current vs. frequency graphs provided in
the Typical Performance Characteristics section, the power into
the load must be subtracted, using the following equation:
Ω
100
2
Swing
Voltage
Output
al
Differenti
EVALUATION OF OPERATING CONDITIONS
The first step in evaluating the operating conditions is to
determine the maximum power consumption (PD) internal
to the AD9523. The maximum PD excludes power dissipated
in the load resistors of the drivers because such power is external
to the device. Use the power dissipation specifications listed in
Table 3 to calculate the total power dissipated for the desired
configuration. The base typical configuration parameter in
Table 3 lists a power of 428 mW, which includes one LVPECL
output at 122.88 MHz. If the frequency of operation is not listed
in Table 3, see the Typical Performance Characteristics section,
current vs. frequency and driver mode to calculate the power
dissipation; then add 20% for maximum current draw. Remove
the power dissipated in the load resistor to achieve the most
accurate power dissipation internal to the AD9523. See Table 30
for a summary of the incremental power dissipation from the base
power configuration for two different examples.
Table 30. Temperature Gradient Examples
Description
Mode
Frequency
(MHz)
Maximum
Power (mW)
Example 1
Base Typical
Configuration
428
Output Driver
6 × LVPECL
122.88
330
Output Driver
6 × LVDS
245.76
110
Total Power
868
Example 2
Base Typical
Configuration
428
Output Driver
13 × LVPECL
983.04
2066
Total Power
2500
The second step is to multiply the power dissipated by the thermal
impedance to determine the maximum power gradient. For this
example, a thermal impedance of θJA = 20.1°C/W was used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com