Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9523 Datasheet HTML 44Page - Analog Devices AD9523 Datasheet HTML 45Page - Analog Devices AD9523 Datasheet HTML 46Page - Analog Devices AD9523 Datasheet HTML 47Page - Analog Devices AD9523 Datasheet HTML 48Page - Analog Devices AD9523 Datasheet HTML 49Page - Analog Devices AD9523 Datasheet HTML 50Page - Analog Devices AD9523 Datasheet HTML 51Page - Analog Devices AD9523 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 48 of 60
CONTROL REGISTER MAP BIT DESCRIPTIONS
Serial Port Configuration (Address 0x000 to Address 0x006)
Table 32. SPI Mode Serial Port Configuration
Address
Bits
Bit Name
Description
0x000
7
SDO active
Selects unidirectional or bidirectional data transfer mode. This bit is ignored in I2C mode.
0: SDIO pin used for write and read; SDO is high impedance (default).
1: SDO used for read; SDIO used for write; unidirectional mode.
6
LSB first/
address
increment
SPI MSB or LSB data orientation. This bit is ignored in I2C mode.
0: data-oriented MSB first; addressing decrements (default).
1: data-oriented LSB first; addressing increments.
5
Soft reset
Soft reset.
1 (self-clearing): soft reset; restores default values to internal registers.
4
Reserved
Reserved.
[3:0]
Mirror[7:4]
Bits[3:0] should always mirror Bits[7:4] so that it does not matter whether the part is in MSB first or LSB
first mode (see Register 0x000[6]). Set bits as follows:
Bit 0 = Bit 7.
Bit 1 = Bit 6.
Bit 2 = Bit 5.
Bit 3 = Bit 4.
0x004
0
Readback
active registers
For buffered registers, serial port readback reads from actual (active) registers instead of from the
buffer.
0 (default): reads values currently applied to the internal logic of the device.
1: reads buffered values that take effect on the next assertion of the input/output update.
Table 33. I2C Mode Serial Port Configuration
Address
Bits
Bit Name
Description
0x000
[7:6]
Reserved
Reserved.
5
Soft reset
Soft reset.
1 (self-clearing): soft reset; restores default values to internal registers.
4
Reserved
Reserved.
[3:0]
Mirror[7:4]
Bits[3:0] should always mirror Bits[7:4]. Set bits as follows:
Bit 0 = Bit 7.
Bit 1 = Bit 6.
Bit 2 = Bit 5.
Bit 3 = Bit 4.
0x004
0
Read back
active registers
For buffered registers, serial port readback reads from actual (active) registers instead of from the
buffer.
0 (default): reads values currently applied to the internal logic of the device.
1: reads buffered values that take effect on the next assertion of the input/output update.
Table 34. EEPROM Customer Version ID
Address
Bits
Bit Name
Description
0x005
[7:0]
EEPROM
customer
version ID (LSB)
16-bit EEPROM ID, Bits[7:0]. This register, along with Register 0x006, allows the user to store a unique
ID to identify which version of the AD9523 register settings is stored in the EEPROM. It does not affect
AD9523 operation in any way (default: 0x00).
0x006
[7:0]
EEPROM
customer
version ID (MSB)
16-bit EEPROM ID, Bits[15:8]. This register, along with Register 0x005, allows the user to store a unique
ID to identify which version of the AD9523 register settings is stored in the EEPROM. It does not affect
AD9523 operation in any way (default: 0x00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com