Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9523 Datasheet HTML 10Page - Analog Devices AD9523 Datasheet HTML 11Page - Analog Devices AD9523 Datasheet HTML 12Page - Analog Devices AD9523 Datasheet HTML 13Page - Analog Devices AD9523 Datasheet HTML 14Page - Analog Devices AD9523 Datasheet HTML 15Page - Analog Devices AD9523 Datasheet HTML 16Page - Analog Devices AD9523 Datasheet HTML 17Page - Analog Devices AD9523 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 14 of 60
Pin
No.
Mnemonic
Type1
Description
46
OUT6
O
Complementary Square Wave Clocking Output 6. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
47
OUT6
O
Square Wave Clocking Output 6. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
48
VDD1.8_OUT[6:7]
P
1.8 V Supply for Output 6 and Output 7 Clock Dividers.
49
OUT5
O
Complementary Square Wave Clocking Output 5. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
50
OUT5
O
Square Wave Clocking Output 5. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
51
VDD3_OUT[4:5]
P
3.3 V Supply for Output 4 and Output 5 Clock Drivers.
52
OUT4
O
Complementary Square Wave Clocking Output 4. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
53
OUT4
O
Square Wave Clocking Output 4. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
54
VDD1.8_OUT[4:5]
P
1.8 V Supply for Output 4 and Output 5 Clock Dividers.
55
STATUS1/SP1
I/O
Lock Detect and Other Status Signals (STATUS1)/I2C Address (SP1). This pin has an internal 40 kΩ pull-
down resistor.
56
STATUS0/SP0
I/O
Lock Detect and Other Status Signals (STATUS0)/I2C Address (SP0). This pin has an internal 40 kΩ pull-
down resistor.
57
EEPROM_SEL
I
EEPROM Select. Setting this pin high selects the register values stored in the internal EEPROM to be
loaded at reset and/or power-up. Setting this pin low causes the AD9523 to load the hard-coded
default register values at power-up/reset. This pin has an internal 40 kΩ pull-down resistor.
58
OUT3
O
Complementary Square Wave Clocking Output 3. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
59
OUT3
O
Square Wave Clocking Output 3. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
60
VDD3_OUT[2:3]
P
3.3 V Supply for Output 2 and Output 3 Clock Drivers.
61
OUT2
O
Complementary Square Wave Clocking Output 2. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
62
OUT2
O
Square Wave Clocking Output 2. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
63
VDD1.8_OUT[0:3]
P
1.8 V Supply for Output 0, Output 1, Output 2, and Output 3 Clock Dividers.
64
OUT1
O
Complementary Square Wave Clocking Output 1. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
65
OUT1
O
Square Wave Clocking Output 1. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
66
VDD3_OUT[0:1]
P
3.3 V Supply for Output 0 and Output 1 Clock Drivers.
67
OUT0
O
Complementary Square Wave Clocking Output 0. This pin can be configured as one side of
a differential LVPECL/LVDS/HSTL output or as a single-ended CMOS output.
68
OUT0
O
Square Wave Clocking Output 0. This pin can be configured as one side of a differential LVPECL/
LVDS/HSTL output or as a single-ended CMOS output.
69
NC
P
This pin is not connected internally (see Figure 2).
70
ZD_IN
I
External Zero Delay Clock Input. Along with ZD_IN, this pin is the differential input for the PLL
reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
71
ZD_IN
I
Complementary External Zero Delay Clock Input. Along with ZD_IN, this pin is the differential input
for the PLL reference. Alternatively, this pin can be programmed as a single-ended 3.3 V CMOS input.
72
PLL1_OUT
O
Single-Ended CMOS Output from PLL1. This pin has settings for weak and strong in Register 0x1BA[4]
(see Table 52).
EP
EP, GND
GND
Exposed Paddle. The exposed paddle is the ground connection on the chip. It must be soldered to
the analog ground of the PCB to ensure proper functionality and heat dissipation, noise, and
mechanical strength benefits.
1 P is power, I is input, O is output, I/O is input/output, P/O is power/output, and GND is ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com