Electronic Components Datasheet Search
  English  ▼

X  

AD9523 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9523 Datasheet HTML 18Page - Analog Devices AD9523 Datasheet HTML 19Page - Analog Devices AD9523 Datasheet HTML 20Page - Analog Devices AD9523 Datasheet HTML 21Page - Analog Devices AD9523 Datasheet HTML 22Page - Analog Devices AD9523 Datasheet HTML 23Page - Analog Devices AD9523 Datasheet HTML 24Page - Analog Devices AD9523 Datasheet HTML 25Page - Analog Devices AD9523 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 22 of 60
COMPONENT BLOCKS—OUTPUT PLL (PLL2)
PLL2 General Description
The output PLL (referred to as PLL2) consists of an optional
input reference doubler, phase/frequency detector (PFD),
a partially integrated analog loop filter (see Figure 25), an
integrated voltage controlled oscillator (VCO), and a feedback
divider. The VCO produces a nominal 3.8 GHz signal with an
output divider that is capable of division ratios of 4 to 11.
The PFD of the output PLL drives a charge pump that increases,
decreases, or holds constant the charge stored on the loop filter
capacitors (both internal and external). The stored charge results
in a voltage that sets the output frequency of the VCO. The
feedback loop of the PLL causes the VCO control voltage to
vary in a way that phase locks the PFD input signals. The gain
of PLL2 is proportional to the current delivered by the charge
pump. The loop filter bandwidth is chosen to reduce noise
contributions from PLL sources that could degrade phase noise
requirements.
The output PLL has a VCO with multiple bands spanning a
range of 3.6 GHz to 4.0 GHz. However, the actual operating
frequency within a particular band depends on the control
voltage that appears on the loop filter capacitor. The control
voltage causes the VCO output frequency to vary linearly within
the selected band. This frequency variability allows the control
loop of the output PLL to synchronize the VCO output signal
with the reference signal applied to the PFD. Typically, the
device automatically selects the appropriate band as part of
its calibration process (invoked via the VCO control register
at Address 0x0F3). The VCO is designed to operate over
temperature extremes including when the VCO is calibrated
at one temperature extreme and operated within another.
Input 2× Frequency Multiplier
The 2× frequency multiplier provides the option to double
the frequency at the PLL2 input. This allows the user to take
advantage of a higher frequency at the input to the PLL (PFD)
and, thus, allows for reduced in-band phase noise and greater
separation between the frequency generated by the PLL and the
modulation spur associated with PFD. However, increased
reference spur separation results in harmonic spurs introduced
by the frequency multiplier that increase as the duty cycle
deviates from 50% at the OSC_IN inputs. Therefore, beneficial
use of the frequency multiplier is application-specific. Typically,
a VCXO with proper interfacing has a duty cycle that is
approximately 50% at the OSC_IN inputs. Note that the
maximum output frequency of the 2× frequency multipliers
must not exceed the maximum PFD rate that is specified in
Table 12.
PLL2 Feedback Divider
PLL2 has a feedback divider (N divider) that enables it to provide
integer frequency up-conversion. The PLL2 N divider is a
combination of a prescaler (P) and two counters, A and B.
The total divider value is
N
= (P × B) + A
where P = 4.
The feedback divider is a dual modulus prescaler architecture,
with a nonprogrammable P that is equal to 4. The value of the
B counter can be from 4 to 63, and the value of the A counter can
be from 0 to 3. However, due to the architecture of the divider,
there are constraints, as listed in Table 46.
N DIVIDER
TO DIST/
RESYNC
×2
PLL1_OUT
LDO
LDO
PLL_1.8V
LDO_PLL2
VDD3_PLL2
LDO_VCO
DIVIDE BY
1, 2, 4, 8, 16
DIVIDE BY
4, 5, 6, ...11
DIVIDE-BY-4
PRESCALER
A/B
COUNTERS
CHARGE PUMP
8 BITS, 3.5µA LSB
PFD
RZERO
RPOLE2
CPOLE1
CPOLE2
LF2_EXT_CAP
AD9523
Figure 25. Output PLL (PLL2) Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com