Electronic Components Datasheet Search
  English  ▼

X  

AD9574 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9574
Description  Ethernet/Gigabit Ethernet Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9574 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9574 Datasheet HTML 3Page - Analog Devices AD9574 Datasheet HTML 4Page - Analog Devices AD9574 Datasheet HTML 5Page - Analog Devices AD9574 Datasheet HTML 6Page - Analog Devices AD9574 Datasheet HTML 7Page - Analog Devices AD9574 Datasheet HTML 8Page - Analog Devices AD9574 Datasheet HTML 9Page - Analog Devices AD9574 Datasheet HTML 10Page - Analog Devices AD9574 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
AD9574
Rev. B | Page 7 of 35
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS (OUT4_x TO OUT6_x ONLY)
100 Ω termination (differential)
OUT4_x, OUT5_x
Output Rise Time, tRL
151
193
238
ps
Measured differentially
Output Fall Time, tFL
152
195
242
ps
Measured differentially
OUT6_x
Output Rise Time, tRL
221
242
273
ps
Measured differentially
Output Fall Time, tFL
224
241
270
ps
Measured differentially
Duty Cycle
OUT4_x, OUT5_x
45
55
%
OUT6_x
45
55
%
1.8 V CMOS (OUT6_x ONLY)
CLOAD = 10 pF
Output Rise Time, tRC
1.2
1.7
ns
Output Fall Time, tFC
1.2
1.8
ns
Duty Cycle
45
55
%
3.3 V CMOS (OUT0_x, OUT1_x, AND
OUT6_x ONLY)
CLOAD = 10 pF
Output Rise Time, tRC
0.5
1.0
ns
Output Fall Time, tFC
0.6
1.1
ns
Duty Cycle
OUT0_x
45
55
%
Not applicable for 38.88 MHz and 50 MHz
operation
OUT1_x
45
55
%
OUT6_x
45
55
%
MONITOR CLOCK INPUTS (MCLK_x)—STATIC
Typical is given for VS = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum and maximum values are given over full VS and TA
(−40°C to +85°C) variation.
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL INPUT MODE
Common-Mode Internally Generated Bias
Voltage
1.192
V
Common-Mode Voltage Tolerance
0.6
1.5
V
The acceptable common-mode range for a
200 mV p-p dc-coupled input signal
Differential Input Capacitance
2
pF
Differential Input Resistance
5
kΩ
SINGLE-ENDED INPUT CMOS MODE
Hysteresis
230
mV
Input Resistance
1
MΩ
Input Capacitance
2
pF
Input High Voltage
2
V
Input Low Voltage
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com