Electronic Components Datasheet Search
  English  ▼

X  

AD9574 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9574
Description  Ethernet/Gigabit Ethernet Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9574 Datasheet(HTML) 1 Page - Analog Devices

  AD9574 Datasheet HTML 1Page - Analog Devices AD9574 Datasheet HTML 2Page - Analog Devices AD9574 Datasheet HTML 3Page - Analog Devices AD9574 Datasheet HTML 4Page - Analog Devices AD9574 Datasheet HTML 5Page - Analog Devices AD9574 Datasheet HTML 6Page - Analog Devices AD9574 Datasheet HTML 7Page - Analog Devices AD9574 Datasheet HTML 8Page - Analog Devices AD9574 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Ethernet/Gigabit Ethernet Clock Generator
Data Sheet
AD9574
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Redundant input reference clock capability
Reference monitoring function
Fully integrated VCO/PLL core
Jitter (rms)
0.234 ps rms jitter (10 kHz to 10 MHz) at 156.25 MHz
0.243 ps rms jitter (12 kHz to 20 MHz) at 156.25 MHz
Input frequency: 19.44 MHz or 25 MHz
Preset frequency translations
Using a 19.44 MHz input reference
19.44 MHz, 38.88 MHz, 77.76 MHz, 155.52 MHz
Using a 25 MHz input reference
25 MHz, 33.33 MHz, 50 MHz, 66.67 MHz, 80 MHz,
100 MHz, 125 MHz, 133.3 MHz, 156.25 MHz, 160 MHz,
312.5 MHz
Output drive formats: HSTL, LVDS, HCSL, and 1.8 V and 3.3 V
CMOS
Integrated loop filter (requires a single external capacitor)
2 copies of reference clock output
Device configuration via strapping pins (PPRx)
Space-saving 7 mm × 7 mm 48-lead LFCSP
3.3 V operation
APPLICATIONS
Ethernet line cards, switches, and routers
SATA and PCI express
Low jitter, low phase noise clock generation
FUNCTIONAL BLOCK DIAGRAM
Rx
Rx
REFMON
REF0_P
AD9574
PFD/
CP
LF
LF
VCO
LD
PPR
CONTROL
PPRx
OUT1_P
OUT0_P
×1/×2
×1/×2
REF0_N
REF1_P
REF1_N
OUT0_N
OUT1_N
REF_ACT
REF_SW
REF_FLO
REF_FHI
MCLK_x
REF_SEL
OUT2_P
OUT2_N
OUT3_P
OUT3_N
OUT4_P
OUT4_N
OUT5_P
OUT5_N
OUT6_P
OUT6_N
Figure 1.
GENERAL DESCRIPTION
The AD9574 provides a multiple output clock generator function
comprising a dedicated phase-locked loop (PLL) core optimized
for Ethernet and gigabit Ethernet line card applications. The
integer-N PLL design is based on the Analog Devices, Inc.,
proven portfolio of high performance, low jitter frequency
synthesizers to maximize network performance. The AD9574
also benefits other applications requiring low phase noise and
jitter performance.
Configuring the AD9574 for a particular application requires
only the connection of external pull-up or pull-down resistors
to the appropriate pin program reader pins (PPRx). These pins
provide control of the internal dividers for establishing the
desired frequency translations, clock output functionality, and
input reference functionality. Connecting an external 19.44 MHz
or 25 MHz oscillator to one or both of the REF0_P/REF0_N or
REF1_P/REF1_N reference inputs results in a set of output
frequencies prescribed by the PPRx pins. Connecting a stable
clock source (8 kHz/10 MHz/19.44 MHz/25 MHz/38.88 MHz) to
the monitor clock input enables the optional monitor circuit
providing quality of service (QoS) status for REF0 or REF1.
The PLL section consists of a low noise phase frequency
detector (PFD), a precision charge pump (CP), a partially
integrated loop filter (LF), a low phase noise voltage controlled
oscillator (VCO), and feedback and output dividers. The divider
values depend on the PPRx pins. The integrated loop filter
requires only a single external capacitor connected to the LF pin.
The AD9574 is packaged in a 48-lead 7 mm × 7 mm LFCSP,
requiring only a single 3.3 V supply. The operating temperature
range is −40°C to +85°C.
Note that throughout this data sheet, OUT0 to OUT6, REF0,
and REF1 refer to the respective channels, which consist of the
differential pins, OUT0_P/OUT0_N to OUT6_P/OUT6_N,
REF0_P/REF0_N, and REF1_P/REF1_N, respectively.


Similar Part No. - AD9574

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
Ethernet Clock Generator, 10 Clock Outputs
REV. 0
AD9572 AD-AD9572 Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-LVD AD-AD9572-EVALZ-LVD Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572-EVALZ-PEC AD-AD9572-EVALZ-PEC Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
AD9572ACPZLVD AD-AD9572ACPZLVD Datasheet
421Kb / 20P
Fiber Channel/Ethernet Clock Generator IC, PLL Core, Dividers, 7 Clock Outputs
REV. 0
More results

Similar Description - AD9574

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
logo
PhaseLink Corporation
PLL650-10 PLL-PLL650-10 Datasheet
321Kb / 5P
Network LAN Clock for Gigabit Ethernet
logo
Analog Devices
AD9571 AD-AD9571 Datasheet
367Kb / 20P
Ethernet Clock Generator, 10 Clock Outputs
REV. 0
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
gigabit ethernet
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
gigabit ethernet
logo
Pericom Semiconductor C...
PI6LC48C51 PERICOM-PI6LC48C51 Datasheet
917Kb / 7P
Ethernet / SATA LVCMOS Clock Generator
PI6LC4820 PERICOM-PI6LC4820 Datasheet
1Mb / 13P
HiFlex Ethernet Network Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com