Electronic Components Datasheet Search
  English  ▼

X  

AD9574 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9574
Description  Ethernet/Gigabit Ethernet Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9574 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9574 Datasheet HTML 7Page - Analog Devices AD9574 Datasheet HTML 8Page - Analog Devices AD9574 Datasheet HTML 9Page - Analog Devices AD9574 Datasheet HTML 10Page - Analog Devices AD9574 Datasheet HTML 11Page - Analog Devices AD9574 Datasheet HTML 12Page - Analog Devices AD9574 Datasheet HTML 13Page - Analog Devices AD9574 Datasheet HTML 14Page - Analog Devices AD9574 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Data Sheet
AD9574
Rev. B | Page 11 of 35
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Minimal Power
Configuration
346
422
486
mW
PPR0 State 0 (REF0_x: 19.44 MHz, 3.3 V CMOS buffer; REF1_x: 19.44 MHz, 3.3 V
CMOS buffer)
PPR1 State 4 (PLL input ×2: off, OUT2: 155.52 MHz, HSTL; OUT3: 155.52 MHz, HSTL)
PPR2 State 4 (OUT0: disabled; OUT1: disabled)
PPR3 State 7 (OUT4: disabled; OUT5: disabled)
PPR4 State 0 (OUT6: disabled)
PPR5 State 0 (reference monitor threshold: not applicable (25 ppm)
PPR6 State 1 (MCLK_x: no connection (19.44 MHz, 3.3 V CMOS buffer))
REFMON: GND
Incremental Power
Dissipation
Typical configuration; values show the change in power due to the indicated
operation
Input Reference On/Off
Applies to one reference clock input
Single-Ended
0.23
0.30
0.36
mW
Differential
20.5
25.1
30.0
mW
Output Driver On/Off
LVDS (at 312.5 MHz)
18.1
22.5
27.2
mW
HSTL (at 156.25 MHz)
30.6
36.6
42.5
mW
1.8 V CMOS (at
66 MHz)
13.7
16.2
19.2
mW
A single 1.8 V CMOS output with an 10 pF load
3.3 V CMOS (at
25 MHz)
9.5
12.2
15.2
mW
A single 3.3 V CMOS output with an 10 pF load
Other Blocks On/Off
OUT0 ×2 On/Off
3.1
4.0
5.4
mW
POWER SUPPLY CURRENT
(ISUPPLY)
Total supply current for VDD_x pins1 in aggregate
Typical Configuration
157
172
180
mA
For power dissipation with typical configuration settings
All Blocks Running
Configuration
195
212
221
mA
For power dissipation with all blocks running configuration settings
Minimal Power
Configuration
117
128
134
mA
For power dissipation with minimal power configuration settings
1 VDD_x pins include VDD_REF0, VDD_REF1, VDD_OUT01, VDD_PLL, VDD_VCO, VDD_RFDIV, VDD_OUT6, VDD_OUT4, VDD_OUT5, VDD_OUT23, and VDD_MCLK.
TIMING SPECIFICATIONS
Typical is given for VS = 3.3 V ± 10%, TA = 25°C, unless otherwise noted. Minimum and maximum values are given over full VS and TA
(−40°C to +85°C) variation. The indicated times assume the voltage applied to all 3.3 V power supply pins is within specification and stable.
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
MONITOR CLOCK INPUT
TO REF_FHI/REF_FLO TIME
Elapsed time from the first rising edge of the monitor clock input signal to
the valid reference status as indicated by the REF_FHI and REF_FLO pins (the
active reference must be stable)
fMCLK = 8 kHz
4200
ms
fMCLK = 10 MHz
3400
ms
fMCLK = 19.44 MHz
1800
ms
fMCLK = 25 MHz
1400
ms
fMCLK = 38.88 MHz
870
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com