Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 17Page - Texas Instruments INA1650 Datasheet HTML 18Page - Texas Instruments INA1650 Datasheet HTML 19Page - Texas Instruments INA1650 Datasheet HTML 20Page - Texas Instruments INA1650 Datasheet HTML 21Page - Texas Instruments INA1650 Datasheet HTML 22Page - Texas Instruments INA1650 Datasheet HTML 23Page - Texas Instruments INA1650 Datasheet HTML 24Page - Texas Instruments INA1650 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
VMID(OUT)
VMID(IN)
VCC
VEE
500
k
500
k
CF
RISO
CLOAD
REF A
REF B
Copyright © 2016, Texas Instruments Incorporated
50
55
60
65
70
75
80
85
90
95
10
100
1k
10k
Frequency (Hz)
F
F / 1 M
F
F / 1 M
C007
21
INA1650, INA1651
www.ti.com
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Application Information (continued)
Although the input resistors of the INA165x are matched typically within 0.01%, large capacitors are usually
mismatched. The mismatch in the values of the AC-coupling capacitors causes the corner frequencies at the two
signal inputs (IN+ and IN–) to be different, which can degrade CMRR at low frequency. For this reason, TI
recommends placing the high-pass corner frequency well below the audio bandwidth and to use a resistor in
series with the COM pin (RCOM), as shown in Figure 42 if possible. See the Common-Mode Input Impedance
section for more information on placing a resistor in series with the COM pin. Figure 48 shows the effect of a 5%
mismatch in the values of the input AC-coupling capacitors with and without an RCOM resistor. Comparing CMRR
at 100 Hz: 1-µF AC-coupling capacitors with a 5% mismatch degrade the CMRR to 75 dB, while 10-µF
capacitors and a 1-MΩ RCOM resistor shows 92 dB of CMRR.
Figure 48. CMRR Degradation Due to a 5% Mismatch in AC-Coupling Capacitors
8.1.5 Supply Divider Capacitive Loading
The VMID(OUT) pin of the INA165x is stable with capacitive loads up to 150 pF. An isolation resistor (RISO in
Figure 49), must be used if capacitive loads larger than 150 pF are connected to the VMID(OUT) pin. Figure 49
shows the recommended configuration of an isolation resistor in series with the capacitive load. The REF pins of
the INA1650 must connect directly to the VMID(OUT) pin before the isolation resistor. Any resistance placed
between the VMID(OUT) pin and the reference pins degrades the CMRR of the device. Figure 50 shows the
recommended value for the isolation resistor for increasing capacitive loads.
Figure 49. Place an Isolation Resistor Between the VMID(OUT) Pin and Large Capacitive Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com