Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 3 Page - Texas Instruments

  INA1650 Datasheet HTML 1Page - Texas Instruments INA1650 Datasheet HTML 2Page - Texas Instruments INA1650 Datasheet HTML 3Page - Texas Instruments INA1650 Datasheet HTML 4Page - Texas Instruments INA1650 Datasheet HTML 5Page - Texas Instruments INA1650 Datasheet HTML 6Page - Texas Instruments INA1650 Datasheet HTML 7Page - Texas Instruments INA1650 Datasheet HTML 8Page - Texas Instruments INA1650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
1
VCC
14
VEE
2
IN+ A
13
OUT A
3
COM A
12
REF A
4
IN± A
11
VMID(IN)
5
IN± B
10
VMID(OUT)
6
COM B
9
REF B
7
IN+ B
8
OUT B
Not to scale
3
INA1650, INA1651
www.ti.com
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
INA1650 PW Package
14-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
COM A
3
I
Input common, channel A
COM B
6
I
Input common, channel B
IN+ A
2
I
Noninverting input, channel A
IN– A
4
I
Inverting input, channel A
IN+ B
7
I
Noninverting input, channel B
IN– B
5
I
Inverting input, channel B
OUT A
13
O
Output, channel A
OUT B
8
O
Output, channel B
REF A
12
I
Reference input, channel A. This pin must be driven from a low impedance.
REF B
9
I
Reference input, channel B. This pin must be driven from a low impedance.
VCC
1
—
Positive (highest) power supply
VEE
14
—
Negative (lowest) power supply
VMID(IN)
11
I
Input node of internal supply divider. Connect a capacitor to this pin to reduce noise from the
supply divider circuit.
VMID(OUT)
10
O
Buffered output of internal supply divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com