Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 5 Page - Texas Instruments

  INA1650 Datasheet HTML 1Page - Texas Instruments INA1650 Datasheet HTML 2Page - Texas Instruments INA1650 Datasheet HTML 3Page - Texas Instruments INA1650 Datasheet HTML 4Page - Texas Instruments INA1650 Datasheet HTML 5Page - Texas Instruments INA1650 Datasheet HTML 6Page - Texas Instruments INA1650 Datasheet HTML 7Page - Texas Instruments INA1650 Datasheet HTML 8Page - Texas Instruments INA1650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
INA1650, INA1651
www.ti.com
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Short-circuit to VS / 2 (ground in symmetrical dual supply setups), one amplifier per package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
Supply voltage, VS = (V+) – (V–)
40
V
Input voltage (Signal inputs, enable, ground)
(V–) – 0.5
(V+) + 0.5
Input differential voltage
(V+) – (V–)
Current
Input current (all pins except power-supply pins)
±10
mA
Output short-circuit(2)
Continuous
Temperature
Operating, TA
–55
125
°C
Junction, TJ
150
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage (V+ – V–)
4.5 (±2.25)
36 (±18)
V
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
INA1650
INA1651 (Preview)
UNIT
PW (TSSOP)
PW (TSSOP)
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
97.0
99.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.6
29.9
°C/W
RθJB
Junction-to-board thermal resistance
40.4
42.6
°C/W
ψJT
Junction-to-top characterization parameter
0.9
1.5
°C/W
ψJB
Junction-to-board characterization parameter
39.6
42.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com