Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 1 Page - Texas Instruments

  INA1650 Datasheet HTML 1Page - Texas Instruments INA1650 Datasheet HTML 2Page - Texas Instruments INA1650 Datasheet HTML 3Page - Texas Instruments INA1650 Datasheet HTML 4Page - Texas Instruments INA1650 Datasheet HTML 5Page - Texas Instruments INA1650 Datasheet HTML 6Page - Texas Instruments INA1650 Datasheet HTML 7Page - Texas Instruments INA1650 Datasheet HTML 8Page - Texas Instruments INA1650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
COM A
IN± A
IN+ A
VCC
OUT A
VMID(IN)
VEE
REF A
+
±
VCC
VEE
COM B
IN+ B
IN± B
OUT B
REF B
+
±
INA1650 ONLY
0
5
10
15
20
25
CMRR ( V/V)
C001
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
INA1650, INA1651
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
INA165x SoundPlus™ High Common-Mode Rejection Line Receivers
1
1 Features
1
•
High Common-Mode Rejection:
91 dB (Typical)
•
High Input Impedance: 1-MΩ Differential
•
Ultra-Low Noise: –104.7 dBu, unweighted
•
Ultra-Low Total Harmonic Distortion + Noise:
–120 dB THD+N (22 dBu, 22-kHz Bandwidth)
•
Wide Bandwidth: 2.7 MHz
•
Low Quiescent Current: 6 mA (INA1651, Typical)
•
Short-Circuit Protection
•
Integrated EMI Filters
•
Wide Supply Range: ±2.25 V to ±18 V
•
Available in Small 14-Pin TSSOP Package
2 Applications
•
Differential Audio Interfaces
•
Audio Input Circuitry
•
Line Drivers
•
Audio Power Amplifiers
•
Audio Analyzers
•
High-End Audio and Video (A/V) Receivers
INA165x Simplified Internal Schematic
3 Description
The INA1650 (dual channel) and INA1651 (single
channel) SoundPlus™ audio line receivers achieve
an extremely high common-mode rejection ratio
(CMRR) of 91 dB while maintaining ultra-low THD+N
of –120 dB at 1 kHz for 22-dBu signal levels.
Precision matching of on-chip resistors give the
INA165x
devices
excellent
CMRR
performance.
These resistors have matching that is far superior
compared to external components and are immune to
mismatches introduced by printed circuit board (PCB)
layout. Unlike other line receiver products, INA165x
CMRR is characterized over temperature and tested
in production to deliver consistent performance in a
wide variety of applications.
The INA165x devices operate over a very-wide-
supply range of ±2.25 V to ±18 V, on 10.5 mA of
supply
current.
In
addition
to
the
line-receiver
channels, a buffered midsupply reference output is
included, making the INA165x devices configurable
for dual- or single-supply applications. The mid-
supply output can be used as a bias voltage for other
analog circuitry in the signal chain. These devices are
specified from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA1650
TSSOP (14)
4.40 mm × 5.00 mm
INA1651 (preview)
TSSOP (14)
4.40 mm × 5.00 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
CMRR Histogram (5746 Channels)


Similar Part No. - INA1650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650 TI1-INA1650 Datasheet
1Mb / 37P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650 TI1-INA1650 Datasheet
2Mb / 41P
SoundPlus High Common-Mode Rejection Line Receivers
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
2Mb / 41P
SoundPlus High Common-Mode Rejection Line Receivers
More results

Similar Description - INA1650

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
Dual common-mode rejection differential line receiver
1995 Dec 15
TDA8579 PHILIPS-TDA8579 Datasheet
66Kb / 13P
Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141 Datasheet
205Kb / 6P
High Common-Mode Rejection Differential Line Receiver
REV.B
SSM2141SZ AD-SSM2141SZ Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV. C
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
High Common-Mode Rejection Differential Line Receiver
REV.C
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
Excellent common-mode rejection ratio (CMRR)
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1 TI1-INA1650-Q1 Datasheet
1Mb / 37P
SoundPlus High Common-Mode Rejection Line Receiver
INA1650-Q1_1904 TI1-INA1650-Q1_1904 Datasheet
2Mb / 41P
SoundPlus High Common-Mode Rejection Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com