Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 20Page - Texas Instruments INA1650 Datasheet HTML 21Page - Texas Instruments INA1650 Datasheet HTML 22Page - Texas Instruments INA1650 Datasheet HTML 23Page - Texas Instruments INA1650 Datasheet HTML 24Page - Texas Instruments INA1650 Datasheet HTML 25Page - Texas Instruments INA1650 Datasheet HTML 26Page - Texas Instruments INA1650 Datasheet HTML 27Page - Texas Instruments INA1650 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
±160
±140
±120
±100
±80
±60
±40
±20
0
20
0
5k
10k
15k
20k
Frequency (Hz)
C004
±160
±140
±120
±100
±80
±60
±40
±20
0
20
40
0
5k
10k
15k
20k
Frequency (Hz)
C004
HD3: -120.1 dBu (-142.1 dBc)
HD2: -111.2 dBu (-133.2 dBc)
HD4: -130.7 dBu (-152.7 dBc)
-140
-120
-100
-80
0.00001
0.0001
0.001
0.01
10
100
1k
10k
Frequency (Hz)
22 dBu (9.75 VRMS)
4 dBu (1.23 VRMS)
C001
-140
-120
-100
-80
-60
0.00001
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
Output Voltage (V
RMS)
C014
24
INA1650, INA1651
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Typical Application (continued)
90-kHz Measurement Bandwidth
Figure 54. THD+N vs Frequency
22-kHz Measurement Bandwidth
Figure 55. THD+N vs Amplitude
4–dBu Output Amplitude
Figure 56. Output Spectrum
22–dBu Output Amplitude
Figure 57. Output Spectrum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com