Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 3Page - Texas Instruments INA1650 Datasheet HTML 4Page - Texas Instruments INA1650 Datasheet HTML 5Page - Texas Instruments INA1650 Datasheet HTML 6Page - Texas Instruments INA1650 Datasheet HTML 7Page - Texas Instruments INA1650 Datasheet HTML 8Page - Texas Instruments INA1650 Datasheet HTML 9Page - Texas Instruments INA1650 Datasheet HTML 10Page - Texas Instruments INA1650 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7
INA1650, INA1651
www.ti.com
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
Electrical Characteristics: (continued)
at TA = 25°C, VS = ±2.25 V to ±18 V, VCM = VOUT = midsupply, and RL = 2 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT IMPEDANCE
Differential
850
1000
1150
kΩ
Common-mode
212.5
250
287.5
kΩ
Input resistance mismatch
0.01%
0.25%
SUPPLY DIVIDER CIRCUIT
Nominal output voltage
[ (V+) +
(V–) ] / 2
V
Output voltage offset
VMID(IN) = ((V+) + (V–) / 2
2
4
mV
Input impedance
VMID(IN) pin, f = 1 kHz
250
kΩ
Output resistance
VMID(OUT) pin
0.35
Ω
Output voltage noise
20 Hz to 20 kHz, CMID = 1 µF
1.56
µVRMS
Output capacitive load limit
Phase Margin > 45°, RISO = 0 Ω
150
pF
OUTPUT
VO
Voltage output swing from rail
Positive rail
RL = 2 kΩ
350
mV
RL = 600 Ω
1100
Negative rail
RL = 2 kΩ
430
RL = 600 Ω
1300
ZOUT
Output impedance
f
≤ 100 kHz, IOUT = 0 A
< 1
Ω
ISC
Short-circuit current
VS = ±18 V
±75
mA
CLOAD
Capacitive load drive
See Figure 19
pF
POWER SUPPLY
IQ
Quiescent current
IOUT = 0 A, INA1651
4.6
6
6.9
mA
TA = –40°C to 125°C
(2)
8
IOUT = 0 A, INA1650
8
10.5
12
TA = –40°C to 125°C
(2)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com