Electronic Components Datasheet Search
  English  ▼

X  

INA1650 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # INA1650
Description  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA1650 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA1650 Datasheet HTML 24Page - Texas Instruments INA1650 Datasheet HTML 25Page - Texas Instruments INA1650 Datasheet HTML 26Page - Texas Instruments INA1650 Datasheet HTML 27Page - Texas Instruments INA1650 Datasheet HTML 28Page - Texas Instruments INA1650 Datasheet HTML 29Page - Texas Instruments INA1650 Datasheet HTML 30Page - Texas Instruments INA1650 Datasheet HTML 31Page - Texas Instruments INA1650 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
28
INA1650, INA1651
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
The INA165x operates from ±2.25-V to ±18-V supplies while maintaining excellent performance. However, some
applications do not require equal positive and negative output voltage swing. With the INA165x, power-supply
voltages do not need to be equal. For example, the positive supply can be set to 25 V with the negative supply at
–5 V.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including:
•
Connect low-ESR, 1.0-µF and 0.1-µF ceramic bypass capacitors between each supply pin and ground,
placed as close to the device as possible. Connecting bypass capacitors only from V+ to ground is
acceptable in single-supply applications. Noise can propagate into analog circuitry through the power pins of
this device. The bypass capacitors reduce the coupled noise by providing low-impedance pathways to
ground.
•
Connect the device REF pins to a low-impedance, low-noise, system reference point (such as an analog
ground or the VMID(OUT) pin) with the shortest trace possible.
•
Place the external components as close to the device as possible, as shown in Figure 63 and Figure 64.
•
Use ground pours and planes to shield input signal traces and minimize additional noise introduced into the
signal path.
•
Keep the length of input traces equal and as short as possible. Route the input traces as a differential pair
with as minimal spacing between them as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com